Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224A Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM224A
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM224A Datasheet HTML 6Page - STMicroelectronics LM224A Datasheet HTML 7Page - STMicroelectronics LM224A Datasheet HTML 8Page - STMicroelectronics LM224A Datasheet HTML 9Page - STMicroelectronics LM224A Datasheet HTML 10Page - STMicroelectronics LM224A Datasheet HTML 11Page - STMicroelectronics LM224A Datasheet HTML 12Page - STMicroelectronics LM224A Datasheet HTML 13Page - STMicroelectronics LM224A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LM224A-LM324A
Typical Single - Supply Applications
10/16
Figure 19: Low drift peak detector
Figure 20: Activer bandpass filter
Fo = 1kHz
Q = 50
Av = 100 (40dB)
Figure 21: High input Z, DC differential
amplifier
Figure 22: Using symetrical amplifiers to
reduce input current (general
concept)
For
(CMRR depends on this resistor ratio match)
R
1
R
2
-------
R
4
R
3
-------
=
e0
(e2 - e1)
As shown e0 = (e2 - e1)
1
R
4
R
3
-------
+
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com