Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM224A Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM224A
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM224A Datasheet(HTML) 5 Page - STMicroelectronics

  LM224A Datasheet HTML 1Page - STMicroelectronics LM224A Datasheet HTML 2Page - STMicroelectronics LM224A Datasheet HTML 3Page - STMicroelectronics LM224A Datasheet HTML 4Page - STMicroelectronics LM224A Datasheet HTML 5Page - STMicroelectronics LM224A Datasheet HTML 6Page - STMicroelectronics LM224A Datasheet HTML 7Page - STMicroelectronics LM224A Datasheet HTML 8Page - STMicroelectronics LM224A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Electrical Characteristics
LM224A-LM324A
5/16
VOL
Low Level Output Voltage (RL = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
520
20
mV
SR
Slew Rate
VCC = 15V, Vi = 0.5 to 3V, RL = 2kΩ, CL = 100pF, unity Gain
0.4
V/
µs
GBP
Gain Bandwidth Product
VCC = 30V, f =100kHz,Vin = 10mV, RL = 2kΩ, CL = 100pF
1.3
MHz
THD
Total Harmonic Distortion
f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF, VCC = 30V
0.015
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100Ω, VCC = 30V
40
DVio
Input Offset Voltage Drift
730
µV/°C
DIIio
Input Offset Current Drift
10
200
pA/°C
Vo1/Vo2
Channel Separation - note 4
1kHz
≤ f ≤ 20kHZ
120
dB
1)
Vo = 1.4V, Rs = 0Ω, 5V < VCC
+ < 30V, 0 < V
ic < VCC
+ - 1.5V
2)
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output so no loading
change exists on the input lines.
3)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is VCC
+ - 1.5V, but either or both inputs can go to +32V without damage.
4)
Due to the proximity of external components insure that coupling is not originating via stray capacitance between these external parts.
This typically can be detected as this type of capacitance increases at higher frequences.
Table 2: VCC
+ = +5V, V
CC
-= Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com