Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2210 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 9Page - NXP Semiconductors LPC2210 Datasheet HTML 10Page - NXP Semiconductors LPC2210 Datasheet HTML 11Page - NXP Semiconductors LPC2210 Datasheet HTML 12Page - NXP Semiconductors LPC2210 Datasheet HTML 13Page - NXP Semiconductors LPC2210 Datasheet HTML 14Page - NXP Semiconductors LPC2210 Datasheet HTML 15Page - NXP Semiconductors LPC2210 Datasheet HTML 16Page - NXP Semiconductors LPC2210 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
9397 750 14061
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 30 May 2005
13 of 49
Philips Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers with external memory interface
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
[2]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control. If configured for an input
function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns.
[3]
Open drain 5 V tolerant digital I/O I2C-bus 400 kHz specification compatible pad. It requires external pull-up to provide an output
functionality.
[4]
5 V tolerant pad providing digital I/O (with TTL levels and hysteresis and 10 ns slew rate control) and analog input function. If configured
for a digital input function, this pad utilizes built-in glitch filter that blocks pulses shorter than 3 ns. When configured as an ADC input,
digital section of the pad is disabled.
[5]
5 V tolerant pad with built-in pull-up resistor providing digital I/O functions with TTL levels and hysteresis and 10 ns slew rate control.
The pull-up resistor’s value ranges from 60 k
Ω to 300 kΩ.
[6]
5 V tolerant pad providing digital input (with TTL levels and hysteresis) function only.
[7]
Pad provides special analog functionality.
VDDA(1V8)
143
A2
I
Analog 1.8 V core power supply: This is the power supply
voltage for internal circuitry. This should be nominally the
same voltage as VDD(1V8) but should be isolated to minimize
noise and error.
VDD(3V3)
2, 31, 39, 51,
57, 77, 94,
104, 112, 119
B1, K3, M3,
M6, N8, K10,
F12, C13,
A11, B9
I
3.3 V pad power supply: This is the power supply voltage for
the I/O ports.
VDDA(3V3)
14
F3
I
Analog 3.3 V pad power supply: This should be nominally
the same voltage as VDD(3V3) but should be isolated to
minimize noise and error.
Table 4:
Pin description …continued
Symbol
Pin (LQFP)
Pin (TFBGA) Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com