Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2210 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2210 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 17Page - NXP Semiconductors LPC2210 Datasheet HTML 18Page - NXP Semiconductors LPC2210 Datasheet HTML 19Page - NXP Semiconductors LPC2210 Datasheet HTML 20Page - NXP Semiconductors LPC2210 Datasheet HTML 21Page - NXP Semiconductors LPC2210 Datasheet HTML 22Page - NXP Semiconductors LPC2210 Datasheet HTML 23Page - NXP Semiconductors LPC2210 Datasheet HTML 24Page - NXP Semiconductors LPC2210 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
9397 750 14061
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02— 30 May 2005
21 of 49
Philips Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers with external memory interface
6.8 Pin function select register 2 (PINSEL2 - 0xE002 C014)
The PINSEL2 register controls the functions of the pins as per the settings listed in
Table 9. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions direction is controlled automatically.
Settings other than those shown in the Table 9 are reserved, and should not be used.
Table 9:
Pin function select register 2 (PINSEL2 - 0xE002 C014)
PINSEL2 bits
Description
Reset value
1:0
reserved.
-
2
When 0, pins P1[36:26] are used as GPIO pins. When 1, P1[31:26] are used as a
Debug port.
P1.26/RTCK
3
When 0, pins P1[25:16] are used as GPIO pins. When 1, P1[25:16] are used as a
Trace port.
P1.20/
TRACESYNC
5:4
Controls the use of the data bus and strobe pins:
BOOT1:0
Pins P2[7:0]
11 = P2[7:0]
0x or 10 = D7 to D0
Pin P1.0
11 = P1.0
0x or 10 = CS0
Pin P1.1
11 = P1.1
0x or 10 = OE
Pin P3.31
11 = P3.31
0x or 10 = BLS0
Pins P2[15:8]
00 or 11 = P2[15:8]
01 or 10 = D15:8
Pin P3.30
00 or 11 = P3.30
01 or 10 = BLS1
Pins P2[27:16]
0x or 11 = P2[27:16]
10 = D27 to D16
Pins P2[29:28]
0x or 11 = P2[29:28] or reserved
10 = D29, D28
Pins P2[31:30]
0x or 11 = P2[31:30] or AIN5:4
10 = D31, D30
Pins P3[29:28]
0x or 11 = P3[29:28] or AIN6:7
10 = BLS2, BLS3
6
If bits 5:4 are not 10, controls the use of pin P3.29: 0 enables P3.29, 1 enables
AIN6.
1
7
If bits 5:4 are not 10, controls the use of pin P3.28: 0 enables P3.28, 1 enables
AIN7.
1
8
Controls the use of pin P3.27: 0 enables P3.27, 1 enables WE.
0
10:9
reserved.
-
11
Controls the use of pin P3.26: 0 enables P3.26, 1 enables CS1.
0
12
reserved.
-
13
If bits 27:25 are not 111, controls the use of pin P3.23/A23/XCLK: 0 enables P3.23,
1 enables XCLK.
0
15:14
Controls the use of pin P3.25: 00 enables P3.25, 01 enables CS2, 10 and 11 are
reserved values.
00
17:16
Controls the use of pin P3.24: 00 enables P3.24, 01 enables CS3, 10 and 11 are
reserved values.
00
19:18
reserved.
-
20
If bits 5:4 are not 10, controls the use of pin P2[29:28]: 0 enables P2[29:28], 1 is
reserved
0
21
If bits 5:4 are not 10, controls the use of pin P2.30: 0 enables P2.30, 1 enables
AIN4.
1
22
If bits 5:4 are not 10, controls the use of pin P2.31: 0 enables P2.31, 1 enables
AIN5.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com