Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AN Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM324AN
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324AN Datasheet(HTML) 1 Page - STMicroelectronics

  LM324AN Datasheet HTML 1Page - STMicroelectronics LM324AN Datasheet HTML 2Page - STMicroelectronics LM324AN Datasheet HTML 3Page - STMicroelectronics LM324AN Datasheet HTML 4Page - STMicroelectronics LM324AN Datasheet HTML 5Page - STMicroelectronics LM324AN Datasheet HTML 6Page - STMicroelectronics LM324AN Datasheet HTML 7Page - STMicroelectronics LM324AN Datasheet HTML 8Page - STMicroelectronics LM324AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2005
Revision 2
1/16
■ Wide gain bandwidth: 1.3MHz
■ Large voltage gain: 100dB
■ Very low supply current/ampli: 375µA
■ Low input bias current: 20nA
■ Low input offset voltage: 3mV max.
■ Low input offset current: 2nA
■ Wide power supply range:
Single supply: +3V to +30V
Dual supplies: ±1.5V to ±15V
■ Input common-mode voltage range
includes ground
■ ESD internal protection: 2KV
Description
These circuits consist of four independent, high
gain,
internally
frequency
compensated
operational amplifiers. They operate from a single
power supply over a wide range of voltages.
Operation from split power supplies is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
All the pins are protected against electrostatic
discharges up to 2KV (as a consequence, the
input voltages must not exceed the magnitude of
VCC
+ or V
CC
-.)
Order Codes
N
DIP14
(Plastic Package)
D
SO-14
(Plastic Micropackage)
P
TSSOP-14
(Thin Shrink Small Outline Package)
Part Number
Temperature Range
Package
Packaging
LM224AN
-40°C, +105°C
DIP
Tube
LM224AD/ADT
SO
Tube or Tape & Reel
LM224APT
TSSOP
(Thin Shrink Outline Package)
Tape & Reel
LM324AN
0°C, +70°C
DIP
Tube
LM324AD/ADT
SO
Tube or Tape & Reel
LM324APT
TSSOP
(Thin Shrink Outline Package)
Tape & Reel
LM224A - LM324A
Low Power Quad Operational Amplifiers


Similar Part No. - LM324AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM324AN PHILIPS-LM324AN Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324AN STMICROELECTRONICS-LM324AN Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Fairchild Semiconductor
LM324AN FAIRCHILD-LM324AN Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
ON Semiconductor
LM324AN ONSEMI-LM324AN Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Texas Instruments
LM324AN TI-LM324AN Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM324AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com