Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324AN Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM324AN
Description  Low Power Quad Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM324AN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM324AN Datasheet HTML 7Page - STMicroelectronics LM324AN Datasheet HTML 8Page - STMicroelectronics LM324AN Datasheet HTML 9Page - STMicroelectronics LM324AN Datasheet HTML 10Page - STMicroelectronics LM324AN Datasheet HTML 11Page - STMicroelectronics LM324AN Datasheet HTML 12Page - STMicroelectronics LM324AN Datasheet HTML 13Page - STMicroelectronics LM324AN Datasheet HTML 14Page - STMicroelectronics LM324AN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Single - Supply Applications
LM224A-LM324A
11/16
Table 3: Vcc
+ = +15V, V
cc
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 2kΩ
100
V/mV
Icc
No load, per amplifier
350
µA
Vicm
0 to +13.5
V
VOH
RL = 2kΩ (VCC
+=15V)
+13.5
V
VOL
RL = 10kΩ
5mV
Ios
Vo = +2V, VCC = +15V
+40
mA
GBP
RL = 2kΩ, CL = 100pF
1.3
MHz
SR
RL = 2kΩ, CL = 100pF
0.4
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com