Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB649 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB649
Description   NPN Low Saturation Transisto
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB649 Datasheet(HTML) 2 Page - ON Semiconductor

  FSB649 Datasheet HTML 1Page - ON Semiconductor FSB649 Datasheet HTML 2Page - ON Semiconductor FSB649 Datasheet HTML 3Page - ON Semiconductor FSB649 Datasheet HTML 4Page - ON Semiconductor FSB649 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FSB649
SuperSOT
TM-3
NPN Low Saturation Transistor
These devices are designed with high current gain and low saturation voltage with collector currents up to 3A
continuous. Sourced from Process NC.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
°C
-55 to +150
Operating and Storage Junction Temperature Range
TJ, Tstg
A
3
Collector Current - Continuous
IC
V
5
Emitter-Base Voltage
VEBO
V
35
Collector-Base Voltage
VCBO
V
25
Collector-Emitter Voltage
VCEO
Units
FSB649
Parameter
Symbol
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150°C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
°C/W
250
Thermal Resistance, Junction to Ambient
RθJA
mW
500
Total Device Dissipation
PD
FSB649
Units
Max
Characteristic
Symbol
© 1999 Fairchild Semiconductor Corporation
fsb649.lwpPrNC revA
C
E
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com