Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB649 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB649
Description   NPN Low Saturation Transisto
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB649 Datasheet(HTML) 3 Page - ON Semiconductor

  FSB649 Datasheet HTML 1Page - ON Semiconductor FSB649 Datasheet HTML 2Page - ON Semiconductor FSB649 Datasheet HTML 3Page - ON Semiconductor FSB649 Datasheet HTML 4Page - ON Semiconductor FSB649 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-
150
IC = 100 mA,VCE = 5 V, f=100MHz
Transition Frequency
fT
pF
50
VCB = 10 V, IE = 0, f = 1MHz
Output Capacitance
Cobo
SMALL SIGNAL CHARACTERISTICS
V
1
IC = 1 A, VCE = 2 V
Base-Emitter On Voltage
VBE(on)
V
1.25
IC = 1 A, IB = 100 mA
Base-Emitter Saturation Voltage
VBE(sat)
mV
300
600
IC = 1 A, IB = 100 mA
IC = 3 A, IB = 300 mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
300
70
100
75
15
IC = 50 mA, VCE = 2 V
IC = 1 A, VCE = 2 V
IC = 2 A, VCE = 2 V
IC = 6 A, VCE = 2 V
DC Current Gain
hFE
ON CHARACTERISTICS
*
nA
100
VEB = 4V
Emitter Cutoff Current
IEBO
nA
uA
100
10
VCB = 30 V
VCB = 30 V, TA=100°C
Collector Cutoff Current
ICBO
V
5
IE = 100
µA
Emitter-Base Breakdown Voltage
BVEBO
V
35
IC = 100
µA
Collector-Base Breakdown Voltage
BVCBO
V
25
IC = 10 mA
Collector-Emitter Breakdown Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
NPN Low Saturation Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
© 1999 Fairchild Semiconductor Corporation
fsb649.lwpPrNC revA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com