Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2601 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2601
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2601 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2601 Datasheet HTML 6Page - SMSC Corporation USB2601 Datasheet HTML 7Page - SMSC Corporation USB2601 Datasheet HTML 8Page - SMSC Corporation USB2601 Datasheet HTML 9Page - SMSC Corporation USB2601 Datasheet HTML 10Page - SMSC Corporation USB2601 Datasheet HTML 11Page - SMSC Corporation USB2601 Datasheet HTML 12Page - SMSC Corporation USB2601 Datasheet HTML 13Page - SMSC Corporation USB2601 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
Revision 1.3 (05-25-05)
10
SMSC USB2601/USB2602
DATASHEET
3.2
128-Pin List Table
MISC (23 Pins)
GPIO1
GPIO2
GPIO4
GPIO5
GPIO6
GPIO7
GPIO8/CRD_PWR0
GPIO9
GPIO10/CRD_PWR1
GPIO11/CRD_PWR2
GPIO12
GPIO13
GPIO14
GPIO15
TEST
RESET_N
ATEST
RBIAS
XTAL1/CLKIN
XTAL2
CLK_SEL0
CLK_SEL1
SEL_CLKDRV
ANALOG POWER (5 Pins)
(3)VDDA33
VDD33PLL
VDD18PLL
DIGITAL, POWER & GROUND (22 Pins)
(5)VDD33
(11)VSS
(3)VDD18
(3)NC
Total 128
Table 3.2 USB2601/USB2602 128-Pin TQFP
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
1PRTPWR
_POL
-
33
VDD18
-
65
CF_D7
8
97
SD_nWP
-
2PRTPWR
2
12
34
VSS
-
66
CF_D15
8
98
SD_DAT1
8
3
OCS2_N
-
35
VSS
-
67
CF_nCS0
8
99
SD_DAT0
8
4PRTPWR
3
12
36
SM_nWPS
-
68
CF_nCS1
8
100
SD_CLK
8
5
OCS3_N
-
37
SM_CLE
8
69
CF_nIOR
8
101
VDD33
-
6PRTPWR
4
12
38
SM_nCE
8
70
CF_nIOW
8
102
GPIO11/
CRD_PWR
2
-
7
OCS4_N
-
39
SM_ALE
8
71
CF_IRQ
8
103
SD_CMD
8
8
VDDA33
-
40
SM_nRE
8
72
CF_nRESET
8
104
SD_DAT3
8
9
USBDN_
DP3
--
41
SM_nWE
8
73
CF_IORDY
8
105
SD_DAT2
8
10
USBDN_
DM3
-
42
SM_nB/R
-
74
CF_SA2
8
106
GPIO4
8
11
VSS
-
43
VDD33
-
75
CF_SA1
8
107
GPIO5
8
12
USBDN_
DM4
-
44
GPIO10/
CRD_PWR1
-
76
CF_SA0
8
108
VSS
-
Table 3.1 USB2601/USB2602 128-Pin Package (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com