Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2601 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB2601
Description  4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2601 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB2601 Datasheet HTML 11Page - SMSC Corporation USB2601 Datasheet HTML 12Page - SMSC Corporation USB2601 Datasheet HTML 13Page - SMSC Corporation USB2601 Datasheet HTML 14Page - SMSC Corporation USB2601 Datasheet HTML 15Page - SMSC Corporation USB2601 Datasheet HTML 16Page - SMSC Corporation USB2601 Datasheet HTML 17Page - SMSC Corporation USB2601 Datasheet HTML 18Page - SMSC Corporation USB2601 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
Datasheet
SMSC USB2601/USB2602
15
Revision 1.3 (05-25-05)
DATASHEET
Over Current Sense
OCS[4:2]_N
IPU
Input from external current monitor indicating an over-
current condition. {Note: Contains internal pull-up to
3.3V supply}
Green LED
GR[4:2]_N
I/O8
Green indicator LED for ports 2, 3 and 4. Will be active
low when LED support is enabled via EEPROM or
SMBus.
CompactFlash (In True IDE mode) INTERFACE
CF Chip Select 1
CF_nCS1
O8PU
This pin is the active low chip select 1 signal for the CF
ATA device
CF Chip Select 0
CF_nCS0
O8PU
This pin is the active low chip select 0 signal for the task
file registers of CF ATA device in the True IDE mode.
CF Register
Address 2
CF_SA2
O8
This pin is the register select address bit 2 for the CF
ATA device.
CF Register
Address 1
CF_SA1
O8
This pin is the register select address bit 1 for the CF
ATA device
CF Register
Address 0
CF_SA0
O8
This pin is the register select address bit 0 for the CF
ATA device.
CF Interrupt
CF_IRQ
IPD
This is the active high interrupt request signal from the
CF device.
CF
Data 15-8
CF_D[15:8]
I/O8PD
The bi-directional data signals CF_D15-CF_D8 in True
IDE mode data transfer.
In the True IDE Mode, all of task file register operation
occur on the CF_D[7:0], while the data transfer is on
CF_D[15:0].
The bi-directional data signal has an internal weak pull-
down resistor.
CF
Data7-0
CF_D[7:0]
I/O8PD
The bi-directional data signals CF_D7-CF_D0 in the
True IDE mode data transfer.
In the True IDE Mode, all of task file register operation
occur on the CF_D[7:0], while the data transfer is on
CF_D[15:0].
The bi-directional data signal has an internal weak pull-
down resistor.
IO Ready
CF_IORDY
IPU
This pin is active high input signal.
This pin has an internally controlled weak pull-up
resistor.
CF
Card Detection2
CF_nCD2
IPU
This card detection pin is connected to the ground on
the CF device, when the CF device is inserted.
This pin has an internally controlled weak pull-up
resistor.
CF
Card Detection1
CF_nCD1
IPU
This card detection pin is connected to ground on the
CF device, when the CF device is inserted.
This pin has an internally controlled weak pull-up
resistor.
CF
Hardware Reset
CF_nRESET
O8
This pin is an active low hardware reset signal to CF
device.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com