Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3AF Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # RS3AF
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

RS3AF Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  RS3AF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd RS3AF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd RS3AF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Fast Recovery Rectifiers
Trustworthy electronic circuit protection expert
RS3AF THRU RS3MF
www.yint.com.cn
1
Rev:19.3
RS3AF THRU RS3MF
Features
●
For surface mounted applications
●
Low profile package
●
Glass Passivated Chip Junction
●
Easy to pick and place
●
Fast reverse recovery time
●
Lead free in comply with EU RoHS 2011/65/EU directives
Mechanical Data
●
Case: SMAF
●
Terminals: Solderable per MIL-STD-750, Method 2026
●
Approx. Weight: 27mg / 0.00095oz
Simplified outline SMAF and symbol
Pinning
PIN
DESCRIPTION
1
Cathode
2
Anode
Absolute Maximum Ratings And Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Parameter
Symbols
RS3AF
RS3BF
RS3DF
RS3GF
RS3JF
RS3KF
RS3MF
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at Tc = 125 °C
IF(AV)
3
A
Peak Forward Surge Current 8.3 ms Single
Half Sine Wave Superimposed on Rated
Load
IFSM
80
A
Maximum Forward Voltage at 1 A
VF
1.3
V
Maximum DC Reverse Current Ta = 25 °C
at Rated DC Blocking Voltage Ta =125 °C
IR
5
100
μ
A
Typical Junction Capacitance
at VR=4V f=1M
Cj
32
pF
Maximum Reverse Recovery Time(1)
trr
150
250
500
ns
Typical Thermal Resistance (2)
RθJA
RθJC
50
16
℃
/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
℃
(
1)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
(
2).P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.


Similar Part No. - RS3AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS3AF ETC2-RS3AF Datasheet
580Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
RS3AF CHENDA-RS3AF Datasheet
683Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RS3AF YFWDIODE-RS3AF Datasheet
129Kb / 3P
Surface MountFast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
RS3AF SUNMATE-RS3AF Datasheet
547Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Jiangsu High diode Semi...
RS3AF HDSEMI-RS3AF Datasheet
1Mb / 4P
SMAF Plastic-Encapsulate Diodes
More results

Similar Description - RS3AF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com