Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3AF Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # RS3AF
Description  Surface Mount Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

RS3AF Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  RS3AF Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd RS3AF Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd RS3AF Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Fast Recovery Rectifiers
Trustworthy electronic circuit protection expert
RS3AF THRU RS3MF
www.yint.com.cn
3
Rev:19.3
Package Outline
Plastic surface mounted package; 2 leads
SMAF
UNIT
A
C
D
E
e
g
HE
∠
mm
max
1.2
0.20
3.7
2.7
1.6
1.2
4.9
7°
min
0.9
0.12
3.3
2.4
1.3
0.8
4.4
mil
max
47
7.9
146
106
63
47
193
min
35
4.7
130
94
51
31
173
The recommended mounting pad size



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com