Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55XX Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32WB55XX
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55XX Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WB55XX Datasheet HTML 9Page - STMicroelectronics STM32WB55XX Datasheet HTML 10Page - STMicroelectronics STM32WB55XX Datasheet HTML 11Page - STMicroelectronics STM32WB55XX Datasheet HTML 12Page - STMicroelectronics STM32WB55XX Datasheet HTML 13Page - STMicroelectronics STM32WB55XX Datasheet HTML 14Page - STMicroelectronics STM32WB55XX Datasheet HTML 15Page - STMicroelectronics STM32WB55XX Datasheet HTML 16Page - STMicroelectronics STM32WB55XX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
DS11929 Rev 3
13/165
STM32WB55xx
Description
69
The STM32WB55xx operate in the -40 to +105 °C (+125 °C junction) temperature range
from a 1.71 to 3.6 V power supply. A comprehensive set of power-saving modes enables
the design of low-power applications.
The STM32WB55xx integrate a high efficiency SMPS step-down converter with automatic
bypass mode capability when the VDD falls below VBORx (x=1, 2, 3, 4) voltage level (default
is 2.0 V). It includes independent power supplies for analog input for ADC and comparators,
as well as a 3.3 V dedicated supply input for USB.
A VBAT dedicated supply allows the devices to back up the LSE 32.768KHz oscillator, the
RTC and the backup registers, thus enabling the STM32WB55xx to supply these functions
even if the main VDD is not present through a CR2032-like battery, a Supercap or a small
rechargeable battery.
The STM32WB55xx family offers three packages, from 48 to 100 pins.
Table 2. STM32WB55xx family device features and peripheral counts
Feature
STM32WB55Cx
STM32WB55Rx
STM32WB55Vx
Flash memory density
256 KB 512 KB
1 MB
256 KB 512 KB
1 MB
256 KB 512 KB
1 MB
SRAM density
128 KB 256 KB 256 KB 128 KB 256 KB 256 KB 128 KB 256 KB 256 KB
BLE
V5.0 (2 Mbps)
802.15.4
Yes
Timers
Advanced
1 (16 bits)
General purpose
2 (16 bits) + 1 (32 bits)
Low power
2 (16 bits)
SysTick
1
Comm
interface
SPI
1
2
I2C
2
USART(1)
1
LPUART
1
SAI
2 channels
USB FS
Yes
QSPI
1
RTC
1
Tamper pin
1
3
Wakeup pin
2
5
LCD, COMxSEG
Yes, 4x13
Yes, 7x23 or 4x26
Yes, 8x40 or 4x44
GPIOs
304972
Capacitive sensing
1x4
3x4
7x4
16-bit ADC
Number of channels
13 channels
(incl. 3 internal)
19 channels
(incl. 3 internal)
Internal Vref
No
Yes
Analog comparator
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com