Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55XX Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32WB55XX
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55XX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32WB55XX Datasheet HTML 17Page - STMicroelectronics STM32WB55XX Datasheet HTML 18Page - STMicroelectronics STM32WB55XX Datasheet HTML 19Page - STMicroelectronics STM32WB55XX Datasheet HTML 20Page - STMicroelectronics STM32WB55XX Datasheet HTML 21Page - STMicroelectronics STM32WB55XX Datasheet HTML 22Page - STMicroelectronics STM32WB55XX Datasheet HTML 23Page - STMicroelectronics STM32WB55XX Datasheet HTML 24Page - STMicroelectronics STM32WB55XX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 165 page
background image
DS11929 Rev 3
21/165
STM32WB55xx
Functional overview
69
Figure 2. STM32WB55xx RF front-end block diagram
3.6.2
BLE general description
The BLE block is a master/slave processor, compliant with Bluetooth® specification 5.0
standard (2 Mbps).
It integrates a 2.4 GHz RF transceiver and a powerful Cortex®-M0+ core, on which a
complete power-optimized stack for Bluetooth® Low Energy protocol runs, providing
master / slave role support
•
GAP: central, peripheral, observer or broadcaster roles
•
ATT/GATT: client and server
•
SM: privacy, authentication and authorization
•
L2CAP
•
Link Layer: AES-128 encryption and decryption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com