Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL2012FHL Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL2012FHL
Description  Multilayer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL2012FHL Datasheet(HTML) 1 Page - TOKO, Inc

  LL2012FHL Datasheet HTML 1Page - TOKO, Inc LL2012FHL Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
R-LOG1104A
Multilayer Chip Inductors
TYPE
LL2012FHL
STANDARD PARTS SELECTION GUIDE
TYPE LL2012-FHL
Unit: mm
Part Numbering
L
W
T
A
Polarity Marking
LL 2012 - FHL 1N5 S
Tolerance
(S=
±0.3nH, J=±5%)
Inductance
Material
Dimensions (LxW)
Type Name
Features
• Inductance range: 1.5-680nH (E-12 Series)
• Miniature size: 0805 footprint (2mm x 1.2mm)
• Inductance specified at 100MHz and 800MHz
• Laminated ceramic allows high SRF
• Q: 49 ~ 96 typical (at 1800MHz)
• Temperature coefficient of inductance: +250ppm/
°C
• Temperature range: –40
°C to +100°C
• S-parameter data available upon request
• Packaged on tape in 4,000 (L
≤ 39nH) and
3,000 (L
≥ 47nH) piece quantities
• Reflow solderable
• Lead-free terminations
The LL2012-FHL Series is a multilayer ceramic chip inductor
with an EIA standard 0805 footprint, lead-free terminations,
and expanded electrical specifications with respect to
inductance and Q.
Type
L (mm)
W (mm)
T (mm)
A (mm)
LL2012FHL 2.0
±0.2
1.25
±0.2
0.60
±0.2
0.5
±0.3
0.85
±0.3
1.00
±0.3
1.20
±0.3
* Add tolerance to part number: S=
±0.3nH, J = ±5%
**50MHz
***25MHz
Testing Conditions: (1) L,Q: Agilent 4291A/B (Test fixture Agilent 16192A)
(2) SRF: Agilent 8719D, 8720D
(3) RDC: Agilent 4338A/B
O
K
O
T
r
e
b
m
u
N
t
r
a
P
e
c
n
a
r
e
l
o
T
&
e
c
n
a
t
c
u
d
n
I
Q
.
n
i
m
)
.
p
y
T
(
Q
F
R
S
)
z
H
M
(
.
n
i
m
C
D
R
(
Ω )
.
x
a
m
C
D
I
)
A
m
(
.
x
a
m
z
H
M
0
0
1
t
az
H
M
)
0
0
2
,
0
0
3
,
0
0
5
(
0
0
8
t
a
o
LL
o
LL
.
q
e
r
F0
0
10
0
10
0
30
0
50
0
80
0
0
10
0
8
1
)
H
n
(*
.
l
o
T)
H
n
(*
.
l
o
T)
z
H
M
(z
H
Mz
H
Mz
H
Mz
H
Mz
H
Mz
H
Mz
H
M
S
5
N
1
L
H
F
-
2
1
0
2
L
L5
.
1S
5
.
1H
n
5
.
0
±0
0
81
13
.
5
15
.
7
25
.
7
30
.
2
55
.
1
63
.
9
70
0
0
40
1
.
00
0
3
S
8
N
1
L
H
F
-
2
1
0
2
L
L8
.
1S
7
.
1H
n
5
.
0
±0
0
82
10
.
4
10
.
5
29
.
3
36
.
6
40
.
4
54
.
8
70
0
0
40
1
.
00
0
3
S
2
N
2
L
H
F
-
2
1
0
2
L
L2
.
2S
1
.
2H
n
5
.
0
±0
0
82
17
.
6
15
.
9
29
.
9
30
.
5
56
.
2
64
.
6
90
0
8
30
1
.
00
0
3
S
7
N
2
L
H
F
-
2
1
0
2
L
L7
.
2S
2
4
.
2H
n
5
.
0
±0
0
82
15
.
5
15
.
7
28
.
6
38
.
0
58
.
7
50
.
9
80
0
6
30
1
.
00
0
3
S
3
N
3
L
H
F
-
2
1
0
2
L
L3
.
3S
0
.
3H
n
5
.
0
±0
0
82
14
.
5
10
.
9
22
.
9
36
.
2
52
.
9
54
.
6
90
0
4
30
1
.
00
0
3
S
9
N
3
L
H
F
-
2
1
0
2
L
L9
.
3S
7
.
3H
n
5
.
0
±0
0
82
10
.
6
17
.
9
27
.
9
34
.
3
57
.
9
58
.
6
70
0
2
30
1
.
00
0
3
S
7
N
4
L
H
F
-
2
1
0
2
L
L7
.
4S
6
.
4H
n
5
.
0
±0
0
82
15
.
6
14
.
0
39
.
0
43
.
4
50
.
1
60
.
1
80
0
8
22
1
.
00
0
3
S
6
N
5
L
H
F
-
2
1
0
2
L
L6
.
5S
7
.
5H
n
5
.
0
±0
0
82
10
.
7
13
.
1
31
.
2
42
.
5
50
.
1
69
.
6
70
0
8
25
1
.
00
0
3
J
8
N
6
L
H
F
-
2
1
0
2
L
L8
.
6J
7
.
6%
0
1
±0
0
82
17
.
8
13
.
3
36
.
4
41
.
8
59
.
3
67
.
9
80
0
1
25
1
.
00
0
3
J
2
N
8
L
H
F
-
2
1
0
2
L
L2
.
8J
2
.
8%
0
1
±0
0
85
15
.
8
12
.
2
34
.
2
48
.
4
55
.
9
52
.
3
70
0
0
28
1
.
00
0
3
J
N
0
1
L
H
F
-
2
1
0
2
L
L0
1J
2
.
0
1%
0
1
±0
0
85
19
.
8
17
.
3
34
.
4
49
.
6
55
.
1
67
.
5
70
0
6
10
2
.
00
0
3
J
N
2
1
L
H
F
-
2
1
0
2
L
L2
1J
7
.
2
1%
0
1
±0
0
86
15
.
0
25
.
6
35
.
7
48
.
0
69
.
5
68
.
9
70
5
3
12
2
.
00
0
3
J
N
5
1
L
H
F
-
2
1
0
2
L
L5
1J
8
.
5
1%
0
1
±0
0
86
11
.
2
25
.
9
35
.
1
52
.
4
62
.
8
69
.
7
60
5
3
14
2
.
00
0
3
J
N
8
1
L
H
F
-
2
1
0
2
L
L8
1J
5
.
9
1%
0
1
±0
0
86
19
.
2
27
.
0
49
.
2
59
.
4
64
.
8
63
.
9
40
0
2
16
2
.
00
0
3
J
N
2
2
L
H
F
-
2
1
0
2
L
L2
2J
5
.
4
2%
0
1
±0
0
86
16
.
1
20
.
8
36
.
8
48
.
6
54
.
7
5—
0
0
1
18
2
.
00
0
3
J
N
7
2
L
H
F
-
2
1
0
2
L
L7
2J
2
.
1
3%
0
1
±0
0
86
18
.
2
26
.
9
34
.
9
44
.
7
53
.
7
5—
0
0
1
10
3
.
00
0
3
J
N
3
3
L
H
F
-
2
1
0
2
L
L3
3J
5
.
8
3%
0
1
±0
0
86
10
.
3
29
.
9
39
.
9
46
.
5
54
.
4
5—
0
0
0
10
4
.
00
0
3
J
N
9
3
L
H
F
-
2
1
0
2
L
L9
3J
7
.
0
5%
0
1
±0
0
86
16
.
4
24
.
1
40
.
0
59
.
0
55
.
5
4—
0
0
90
5
.
00
0
3
J
N
7
4
L
H
F
-
2
1
0
2
L
L7
4J
9
.
3
6%
0
1
±0
0
87
18
.
4
28
.
1
45
.
9
44
.
7
44
.
9
3—
0
0
85
5
.
00
0
3
J
N
6
5
L
H
F
-
2
1
0
2
L
L6
5J
7
.
2
6%
0
1
±0
0
57
11
.
6
23
.
3
40
.
0
55
.
4
45
.
4
3—
0
5
70
6
.
00
0
3
J
N
8
6
L
H
F
-
2
1
0
2
L
L8
6J
3
.
0
8%
0
1
±0
0
57
17
.
5
28
.
1
42
.
6
46
.
3
31
.
8
1—
0
0
75
6
.
00
0
3
J
N
2
8
L
H
F
-
2
1
0
2
L
L2
8J
3
0
1%
0
1
±0
0
50
25
.
6
24
.
1
41
.
3
45
.
1
2—
—
0
0
60
7
.
00
0
3
J
0
1
R
L
H
F
-
2
1
0
2
L
L0
0
1J
2
4
1%
0
1
±0
0
50
27
.
7
23
.
3
44
.
1
4
———
0
5
50
8
.
00
0
3
J
2
1
R
L
H
F
-
2
1
0
2
L
L*
*
0
2
1J
9
3
1%
0
1
±0
0
3*
*
6
14
.
6
22
.
8
30
.
1
3
———
0
0
55
8
.
00
5
2
J
5
1
R
L
H
F
-
2
1
0
2
L
L*
*
0
5
1J
3
7
1%
0
1
±0
0
3*
*
6
12
.
9
23
.
0
46
.
9
2
———
0
5
40
9
.
00
5
2
J
8
1
R
L
H
F
-
2
1
0
2
L
L*
*
0
8
1J
4
9
1%
0
1
±0
0
2*
*
*
0
12
.
8
22
.
3
3
————
0
0
40
0
.
10
5
2
J
2
2
R
L
H
F
-
2
1
0
2
L
L*
*
0
2
2J
4
3
2%
0
1
±0
0
2*
*
*
0
11
.
5
28
.
2
3
————
0
6
30
0
.
30
0
2
J
7
2
R
L
H
F
-
2
1
0
2
L
L*
*
*
0
7
2J
3
0
3%
0
1
±0
0
2*
*
*
1
16
.
3
28
.
8
2
————
0
3
30
5
.
30
0
2
J
3
3
R
L
H
F
-
2
1
0
2
L
L*
*
*
0
3
3J
2
8
3%
0
1
±0
0
2*
*
*
1
10
.
6
26
.
8
2
————
0
0
30
0
.
40
5
1
J
9
3
R
L
H
F
-
2
1
0
2
L
L*
*
*
0
9
3J
0
0
5%
0
1
±0
0
2*
*
*
1
10
.
5
21
.
1
2
————
0
7
20
5
.
40
5
1
J
7
4
R
L
H
F
-
2
1
0
2
L
L*
*
*
0
7
4J
———
*
*
*
1
15
.
5
2
—————
0
4
20
0
.
50
5
J
6
5
R
L
H
F
-
2
1
0
2
L
L*
*
*
0
6
5J
———
*
*
*
1
15
.
4
2
—————
0
1
20
5
.
50
5
J
8
6
R
L
H
F
-
2
1
0
2
L
L*
*
*
0
8
6J
———
*
*
*
1
15
.
6
2
—————
0
8
10
0
.
60
5


Similar Part No. - LL2012FHL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL2012-F TOKO-LL2012-F Datasheet
196Kb / 2P
Multilayer Chip Inductors
LL2012-F100NG TOKO-LL2012-F100NG Datasheet
377Kb / 2P
Wirewound Chip Inductors
LL2012-F100NJ TOKO-LL2012-F100NJ Datasheet
377Kb / 2P
Wirewound Chip Inductors
LL2012-F100NK TOKO-LL2012-F100NK Datasheet
377Kb / 2P
Wirewound Chip Inductors
LL2012-F10NG TOKO-LL2012-F10NG Datasheet
377Kb / 2P
Wirewound Chip Inductors
More results

Similar Description - LL2012FHL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com