Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL1608FS Datasheet (PDF) - TOKO, Inc

LL1608FS Datasheet PDF - TOKO, Inc
Part # LL1608FS
Download  LL1608FS Download
File Size   378.54 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Multilayer Chip Inductors

LL1608FS Datasheet (PDF)

Go To PDF Page Download Datasheet
LL1608FS Datasheet PDF - TOKO, Inc

Part # LL1608FS
Download  LL1608FS Click to download

File Size   378.54 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Multilayer Chip Inductors

LL1608FS Datasheet (HTML) - TOKO, Inc


LL1608FS Product details

Multilayer Chip Inductors

The LL1608-FS Series is a miniature multilayer ceramic chip inductor. TOKOs proprietary laminated ceramic material provides high SRF, excellent Q, and superior reliability. The FS allows up to 3 times the current handling of standard multilayers. In addition, the Qs are 1.3-1.6 times higher. It has an industry standard 0603 footprint and comes on tape in 4,000 piece reels. It is an ideal solution for higher current needs in high frequency RF and wireless communications equipment.

Features
• Inductance range: 1.2-270nH (E-12 Series)
• Miniature size: 0603 footprint (1.6mm x 0.8mm)
• Laminated ceramic allows high SRF
• Q: 43 ~ 71 typical (at 1800MHz)
• High current handling, up to 1A
• Temperature coefficient of inductance: +250ppm/°C
• Temperature range: –40°C to +100°C
• S-parameter data available upon request
• Packaged on tape and reel in 4,000 piece quantity
• Reflow solderable




Similar Part No. - LL1608FS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
More results


Similar Description - LL1608FS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com