Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL1608FS Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL1608FS
Description  Multilayer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1608FS Datasheet(HTML) 1 Page - TOKO, Inc

  LL1608FS Datasheet HTML 1Page - TOKO, Inc LL1608FS Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
R-LOG0703A
Meeting Your Needs
Multilayer Chip Inductors
TYPE
LL1608FS
STANDARD PARTS SELECTION GUIDE
TYPE LL1608-FS
* Add tolerance to part number: S=
±0.3nH, J = ±5%, K = ±10%
**50MHz, ***25MHz
Testing Conditions: (1) L,Q: Agilent 4291A at 100MHz (Test fixture Agilent 16192A)
(2) SRF: Agilent 8719D
(3) RDC: Agilent 4338B
Features
• Inductance range: 1.2-270nH (E-12 Series)
• Miniature size: 0603 footprint (1.6mm x 0.8mm)
• Laminated ceramic allows high SRF
• Q: 43 ~ 71 typical (at 1800MHz)
• High current handling, up to 1A
• Temperature coefficient of inductance: +250ppm/
°C
• Temperature range: –40
°C to +100°C
• S-parameter data available upon request
• Packaged on tape and reel in 4,000 piece quantity
• Reflow solderable
Unit: mm
Type
L (mm)
W (mm)
T (mm)
A (mm)
LL1608FS
1.6
±0.15 0.8±0.15 0.8±0.15 0.3±0.2
Part Numbering
The LL1608-FS Series is a miniature multilayer ceramic chip
inductor. TOKO's proprietary laminated ceramic material pro-
vides high SRF, excellent Q, and superior reliability. The FS al-
lows up to 3 times the current handling of standard multilayers.
In addition, the Qs are 1.3-1.6 times higher. It has an industry
standard 0603 footprint and comes on tape in 4,000 piece reels.
It is an ideal solution for higher current needs in high frequency
RF and wireless communications equipment.
LL 1608 - FS 1N2 S
Tolerance
(S=
±0.3nH, J=±5%, K=±10%)
Inductance
Material
Dimensions (LxW)
Type Name
L
W
T
A
Polarity Marking
O
K
O
T
t
r
a
P
r
e
b
m
u
N
)
H
n
(
e
c
n
a
t
c
u
d
n
I
z
H
M
0
0
1
t
a
e
c
n
a
t
c
u
d
n
I
*
e
c
n
a
r
e
l
o
T
z
H
M
-
-
-
t
a
)
.
p
y
t
(
Q
)
z
H
M
(
F
R
S
.
p
y
t
(
C
D
R
Ω )
.
x
a
m
)
A
m
(
C
D
I
.
x
a
m
z
H
M
0
0
1z
H
M
0
0
8z
H
M
0
0
8
1
S
2
N
1
S
F
-
8
0
6
1
L
L2
.
1S
3
15
40
60
0
0
0
10
1
.
00
0
0
1
S
5
N
1
S
F
-
8
0
6
1
L
L5
.
1S
3
15
40
60
0
0
80
1
.
00
0
0
1
S
8
N
1
S
F
-
8
0
6
1
L
L8
.
1S
2
10
41
60
0
0
80
1
.
00
0
0
1
S
2
N
2
S
F
-
8
0
6
1
L
L2
.
2S
3
15
49
60
0
2
70
1
.
00
0
0
1
S
7
N
2
S
F
-
8
0
6
1
L
L7
.
2S
3
15
47
60
0
2
61
1
.
00
0
0
1
*
_
3
N
3
S
F
-
8
0
6
1
L
L3
.
3K
,
S6
13
51
70
5
3
53
1
.
00
0
0
1
*
_
9
N
3
S
F
-
8
0
6
1
L
L9
.
3K
,
S3
12
49
50
5
2
55
1
.
00
0
0
1
*
_
7
N
4
S
F
-
8
0
6
1
L
L7
.
4K
,
S4
13
49
50
5
7
47
1
.
00
0
0
1
*
_
6
N
5
S
F
-
8
0
6
1
L
L6
.
5K
,
S5
17
46
60
0
1
40
2
.
00
0
6
*
_
8
N
6
S
F
-
8
0
6
1
L
L8
.
6K
,
J5
10
56
60
0
3
32
2
.
00
0
6
*
_
2
N
8
S
F
-
8
0
6
1
L
L2
.
8K
,
J6
12
59
60
0
3
36
2
.
00
0
6
*
_
N
0
1
S
F
-
8
0
6
1
L
L0
1K
,
J0
26
50
60
0
0
30
3
.
00
0
6
*
_
N
2
1
S
F
-
8
0
6
1
L
L2
1K
,
J0
27
53
40
0
5
25
3
.
00
0
6
*
_
N
5
1
S
F
-
8
0
6
1
L
L5
1K
,
J8
13
58
50
0
5
20
4
.
00
0
6
*
_
N
8
1
S
F
-
8
0
6
1
L
L8
1K
,
J4
10
4–
0
5
3
27
4
.
00
0
6
*
_
N
2
2
S
F
-
8
0
6
1
L
L2
2K
,
J2
26
5–
0
5
0
24
5
.
00
0
6
*
_
N
7
2
S
F
-
8
0
6
1
L
L7
2K
,
J1
24
5–
0
0
9
12
6
.
00
0
6
*
_
N
3
3
S
F
-
8
0
6
1
L
L3
3K
,
J1
23
5–
0
5
7
11
7
.
00
0
6
*
_
N
9
3
S
F
-
8
0
6
1
L
L9
3K
,
J3
21
5–
0
5
4
14
7
.
00
0
5
*
_
N
7
4
S
F
-
8
0
6
1
L
L7
4K
,
J2
20
4–
0
5
2
16
8
.
00
0
5
*
_
N
6
5
S
F
-
8
0
6
1
L
L6
5K
,
J3
24
4–
0
0
2
14
9
.
00
0
5
*
_
N
8
6
S
F
-
8
0
6
1
L
L8
6K
,
J3
28
3–
0
0
1
10
2
.
10
0
4
*
_
N
2
8
S
F
-
8
0
6
1
L
L2
8K
,
J3
2–
–
0
5
90
8
.
10
0
3
*
_
0
1
R
S
F
-
8
0
6
1
L
L0
0
1K
,
J4
2–
–
0
5
80
0
.
20
0
3
*
_
2
1
R
S
F
-
8
0
6
1
L
L0
2
1K
,
J8
1
*
*–
–
0
5
80
4
.
20
0
2
*
_
5
1
R
S
F
-
8
0
6
1
L
L0
5
1K
,
J9
1
*
*–
–
0
8
60
4
.
20
0
2
*
_
8
1
R
S
F
-
8
0
6
1
L
L0
8
1K
,
J9
1
*
*–
–
0
0
60
7
.
20
5
1
*
_
2
2
R
S
F
-
8
0
6
1
L
L0
2
2K
,
J9
1
*
*–
–
0
0
50
0
.
30
5
1
*
_
7
2
R
S
F
-
8
0
6
1
L
L0
7
2K
,
J5
1
*
*
*–
–
0
5
40
5
.
30
5
1


Similar Part No. - LL1608FS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
More results

Similar Description - LL1608FS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com