Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL1608FS Datasheet(PDF) 2 Page - TOKO, Inc

Part # LL1608FS
Description  Multilayer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1608FS Datasheet(HTML) 2 Page - TOKO, Inc

  LL1608FS Datasheet HTML 1Page - TOKO, Inc LL1608FS Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11
R-LOG0703A
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
Meeting Your Needs
Multilayer Chip Inductors
TYPE
LL1608FS
ELECTRICAL CHARACTERISTICS
Q vs. Frequency
Inductance vs. Frequency
10000
1000
100
10
Q vs Frequency
Frequency (MHz)
0
40
100
20
80
60
R18
22N
3N3
10000
1000
100
10
Frequency (MHz)
Inductance vs Frequency
1
10
100
10000
1000
3N3
22N
R18



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com