Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCR-33S2O-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CCR-33S2O-R
Description  Miniature DC-18GHz SPDT Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CCR-33S2O-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CCR-33S2O-R Datasheet HTML 1Page - List of Unclassifed Manufacturers CCR-33S2O-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 800 -284-7007
www.rfswitches.com
email: switches@teledyne.com
8
Specifications subject to change without notice.
01/2004
Commercial
CCR-33
Miniature DC-18GHz SPDT Switch
Failsafe
The CCR-33 Switch is a broadband, SPDT, electromechanical, coaxial switch designed to
switch a microwave signal from a common input to either of two outputs. The characteristic
impedance is 50 Ohms. The switches are small with connector spacing compatible with SMA
connectors.
The CCR-33 series switch is offered with either a failsafe or latching actuator. This design is
compatible with the two most common mounting hole patterns. The CCR-33 series switch is
interchangeable with a variety of
switches.
If your requirements are more demand-
ing then perhaps the CCM-33 Range
of 10 Million cycle switches would be of
interest.
3000
800
400
200
80
40
10
0.1
1.0
4.0
10
18
Frequency GHz
Standard
SMA
Connectors
Specifications
RF Contacts:
Break before make
Actuator
Voltage (VDC) 20OC
121528
Current (mA)
200 160 90
Switching Time:
20 msec max
Connectors:
SMA (f)
Weight:
1.65 oz. max
Temperature Range: -25O C to +65OC (Operating)
Shock:
MIL-STD-202 Method 213, Condition D (500G Non Operating)
Vibration:
MIL-STD-202 Method 214, Condition D (10G RMS Non Operating)
Humidity:
Moisture Seal Available
MTBF:
7.3 Million Hours ( MIL-HDBK-217F Fixed, 25OC, <1 Cycle per hour)
RF Power Handling
Specifications
DC-6 GHz 6-12 GHz 12-18 GHz
VSWR (max)
1.25:1
1.40:1
1.50:1
Insertion Loss (min)
0.20 dB
0.40 dB
0.50 dB
Isolation (max)
70.0 dB
60.0 dB
60.0 dB
Typical Performance
15
25
0.01
18.0
Frequency GHz
0.01
18.0
Frequency GHz
0.0
0.4
90
80
70
60


Similar Part No. - CCR-33S2O-R

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCR-33S20 TELEDYNE-CCR-33S20 Datasheet
595Kb / 8P
Failsafe SPDT Coaxial Switch
CCR-33S2C TELEDYNE-CCR-33S2C Datasheet
595Kb / 8P
Failsafe SPDT Coaxial Switch
More results

Similar Description - CCR-33S2O-R

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
115Kb / 9P
DC-20GHz Reflective SPDT Switch
logo
Nais(Matsushita Electri...
ARD1004H NAIS-ARD1004H Datasheet
541Kb / 8P
26.5GHz, 18GHz COAXIAL SWITCH
logo
TriQuint Semiconductor
TGS2306-EPU TRIQUINT-TGS2306-EPU Datasheet
305Kb / 8P
High Power DC - 18GHz SPDT FET Switch
logo
California Eastern Labs
UPG2159T5K CEL-UPG2159T5K Datasheet
253Kb / 11P
L,S-BAND MINIATURE SPDT SWITCH
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
DC-20GHz Reflective SPDT Switch
logo
Pasternack Enterprises,...
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
TriQuint Semiconductor
TGS2306 TRIQUINT-TGS2306_15 Datasheet
361Kb / 8P
High Power DC - 18GHz SPDT FET Switch
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
DC-20GHz Reflective SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com