Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7330 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 9Page - Analog Devices ADV7330 Datasheet HTML 10Page - Analog Devices ADV7330 Datasheet HTML 11Page - Analog Devices ADV7330 Datasheet HTML 12Page - Analog Devices ADV7330 Datasheet HTML 13Page - Analog Devices ADV7330 Datasheet HTML 14Page - Analog Devices ADV7330 Datasheet HTML 15Page - Analog Devices ADV7330 Datasheet HTML 16Page - Analog Devices ADV7330 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
REV. B
ADV7330
–13–
MPU PORT DESCRIPTION
The ADV7330 supports a 2-wire serial (I
2C compatible) micro-
processor bus driving multiple peripherals. This bus operates
in an Open Drain configuration. Two inputs, serial data
(SDA) and serial clock (SCL), carry information between any
devices connected to the bus. Each slave device is recognized by a
unique address. The ADV7330 has four possible slave ad-
dresses for both read and write operations. These are unique
addresses for each device and are illustrated in Figure 12. The
LSB sets either a read or write operation. Logic 1 corresponds to
a read operation, while Logic 0 corresponds to a write operation.
A1 is set by setting the ALSB pin of the ADV7330 to Logic 0
or Logic 1. When ALSB is set to 1, there is greater input band-
width on the I
2C lines, which allows high speed data transfers
on this bus. When ALSB is set to 0, there is reduced input
bandwidth on the I
2C lines, which means that pulses of less
than 50 ns will not pass into the I
2C internal controller. This
mode is recommended for noisy systems.
1
1
0
1
0
1
A1
X
ADDRESS
CONTROL
SET UP BY
ALSB
READ/WRITE
CONTROL
0
WRITE
1
READ
Figure 12. ADV7330 Slave Address = D4h
To control the various devices on the bus, the following proto-
col must be followed. First the master initiates a data transfer by
establishing a start condition, defined by a high-to-low transition
on SDA, while SCL remains high. This indicates that an address/
data stream will follow. All peripherals respond to the start
condition and shift the next eight bits (7-bit address + R/
W bit).
The bits are transferred from MSB down to LSB. The periph-
eral that recognizes the transmitted address responds by pulling
the data line low during the ninth clock pulse. This is known as
an acknowledge bit. All other devices withdraw from the bus at
this point and maintain an idle condition. The idle condition is
when the device monitors the SDA and SCL lines waiting for the
start condition and the correct transmitted address. The R/
W
bit determines the direction of the data.
A Logic 0 on the LSB of the first byte means that the master
will write information to the peripheral. A Logic 1 on the LSB
of the first byte means that the master will read information
from the peripheral.
The ADV7330 acts as a standard slave device on the bus. The
data on the SDA pin is eight bits long, supporting the 7-bit
addresses plus the R/
W bit. It interprets the first byte as the device
address and the second byte as the starting subaddress. There
is a subaddress auto-increment facility. This allows data to be
written to or read from registers in ascending subaddress
sequence, starting at any valid subaddress. A data transfer is
always terminated by a stop condition. The user can also access
any unique subaddress register on a one-by-one basis without
having to update all the registers.
PIN FUNCTION DESCRIPTIONS (continued)
Pin Number
Mnemonic
I/O
Function
10, 56
VDD
PDigital Power Supply.
41
VAA
PAnalog Power Supply.
45, 47
TEST15, TEST16
O
Not used, do not connect.
34
EXT_LF
I
External Loop Filter for the Internal PLL.
31
RTC_SCR_TR
I
Multifunctional Input: Real-Time Control (RTC) Input, Timing Reset Input,
Subcarrier Reset Input.
48
BLANK_O/P
O
Video Blanking Control Signal. For HD and PS, this input is active high. For SD input,
this output is active low.
50
HSYNC_O/P
OVideo Horizontal Sync Control Signal.
49
VSYNC_O/P
OVideo Vertical Sync Control Signal.
19
I
2CI
This input pin must be tied high (VDD_IO) for the ADV7330 to interface over the I
2C port.
64
GND_IO
Digital Input/Output Ground.
42–44
NC
No Connect.
46
VREF
I/O
Optional External Voltage Reference Input for DACs or Voltage Reference Output
(1.235 V).
TERMINOLOGY
SD
Standard definition video, conforming to ITU-R
BT.601/656.
HD
High definition video, such as progressive scan or HDTV.
PS
Progressive scan video, conforming to SMPTE 293M,
ITU-R BT.1358, BTA T-1004EDTC2, BTA1362
HDTV
High definition television video, conforming to SMPTE
274M or SMPTE 296M.
YCrCb
SD, PS, or HD component digital video.
YPrPb
SD, PS, or HD component analog video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com