Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7330 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 17Page - Analog Devices ADV7330 Datasheet HTML 18Page - Analog Devices ADV7330 Datasheet HTML 19Page - Analog Devices ADV7330 Datasheet HTML 20Page - Analog Devices ADV7330 Datasheet HTML 21Page - Analog Devices ADV7330 Datasheet HTML 22Page - Analog Devices ADV7330 Datasheet HTML 23Page - Analog Devices ADV7330 Datasheet HTML 24Page - Analog Devices ADV7330 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
REV. B
ADV7330
–21–
SR7–
SR0
Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
Reset
Values
3Eh
Reserved
00h
3Fh
Reserved
00h
40h
SD Mode Register 0
SD Standard
0
0
NTSC
00h
01
PAL B, D, G, H, I
10
PAL M
11
PAL N
SD Luma Filter
0
0
0
LPF NTSC
00
1
LPF PAL
01
0
Notch NTSC
01
1
Notch PAL
10
0
SSAF Luma
10
1
Luma CIF
11
0
Luma QCIF
11
1
Reserved
SD Chroma Filter
0
0
0
1.3 MHz
00
1
0.65 MHz
01
0
1.0 MHz
01
1
2.0 MHz
10
0
Reserved
10
1
Chroma CIF
11
0
Chroma QCIF
11
1
3.0 MHz
41h
Reserved
00h
42h
SD Mode Register 1
SD PrPb SSAF
0
Disabled
08h
1
Enabled
SD DAC Output 1
0
Refer to the Output Configuration
1
section
SD DAC Output 2
0
Refer to the Output Configuration
1
section
SD Pedestal
0
Disabled
1
Enabled
SD Square Pixel
0
Disabled
1
Enabled
SD VCR FF/RW Sync
0
Disabled
1
Enabled
SD Pixel Data Valid
0
Disabled
1
Enabled
SD SAV/EAV Step Edge Control
0
Disabled
1
Enabled
43h
SD Mode Register 2
SD Pedestal YPrPb Output
0
No Pedestal on YPrPb
00h
1
7.5 IRE Pedestal on YPrPb
SD Output Levels Y
0
Y = 700 mV/300 mV
1
Y = 714 mV/286 mV
SD Output Levels PrPb
0
0
700 mV p-p (PAL); 1000 mV p-p (NTSC)
01
700 mV p-p
10
1000 mV p-p
11
648 mV p-p
SD VBI Open
0
Disabled
1
Enabled
SD CC Field Control
0
0
CC Disabled
01
CC on Odd Field Only
10
CC on Even Field Only
11
CC on Both Fields
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com