Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16813 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX16813
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16813 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX16813 Datasheet HTML 17Page - Maxim Integrated Products MAX16813 Datasheet HTML 18Page - Maxim Integrated Products MAX16813 Datasheet HTML 19Page - Maxim Integrated Products MAX16813 Datasheet HTML 20Page - Maxim Integrated Products MAX16813 Datasheet HTML 21Page - Maxim Integrated Products MAX16813 Datasheet HTML 22Page - Maxim Integrated Products MAX16813 Datasheet HTML 23Page - Maxim Integrated Products MAX16813 Datasheet HTML 24Page - Maxim Integrated Products MAX16813 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Setting RSDT Pin Voltage
As described in the Short-LED Detection section, the
actual LED short detection threshold depends on the
RSDT pin voltage and the minimum current sink (OUT_)
voltage.
An optimum choice of RSDT voltage should take into
account the maximum voltage at the OUT_ pins when
the converter is regulating its output voltage based on the
OVP pin.
In particular, it is recommended that the OVP resistor
divider be selected to set the output voltage of the con-
verter (when using the OVP input) so that the voltage on
the OUT_ pins does not exceed a threshold that depends
on the RSDT setting. The plot in Figure 6 shows the
relationship between the RSDT voltage and the recom-
mended maximum OUT_ voltage, assuming all the active
channels are at the same voltage level.
With higher OUT_ voltages, an erroneous LED short
condition can sometimes be detected when the converter
output voltage is transitioning from regulation based on
the OVP input to regulation based on the OUT_ voltages.
The plot shown here can be used when selecting the OVP
resistor divider and the RSDT voltage. It is recommended
that the RSDT voltage be chosen to be below the curve.
In general, performance is improved when the OVP resis-
tor divider is selected to set a maximum output voltage
close to the maximum LED string voltage needed in the
application.
Figure 6. Maximum Output Voltage vs. RSDT Voltage
0.3
0
5
10
15
20
25
30
35
40
45
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
VRSDT (V)
NOT
MAXIMUM OUT_VOLTAGE vs. RSDT VOLTAGE
WITH VCC = 5V
ACTIVE OUT_PINS AT THE SAME VOLTAGE LEVEL
RECOMMENDED
RECOMMENDED
Figure 6
MAX16813
Integrated, 4-Channel, High-Brightness
LED Driver with High-Voltage DC-DC Controller
and Battery Disconnect
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com