Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16813 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16813
Description  Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16813 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16813 Datasheet HTML 1Page - Maxim Integrated Products MAX16813 Datasheet HTML 2Page - Maxim Integrated Products MAX16813 Datasheet HTML 3Page - Maxim Integrated Products MAX16813 Datasheet HTML 4Page - Maxim Integrated Products MAX16813 Datasheet HTML 5Page - Maxim Integrated Products MAX16813 Datasheet HTML 6Page - Maxim Integrated Products MAX16813 Datasheet HTML 7Page - Maxim Integrated Products MAX16813 Datasheet HTML 8Page - Maxim Integrated Products MAX16813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
(VIN = VEN = 12V, RRT = 12.25kΩ, RSETI = 15kΩ, CVCC = 1µF, NDRV = COMP = OUT_ = PGATE = unconnected, VRSDT = VDIM =
VCC, VOVP = 0.7V, VCS = VLEDGND = VPGND = VSGND = 0V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LED CURRENT SOURCE
OUT_ Current Sink Range
20
150
mA
Channel-to-Channel Matching
IOUT_ = 100mA
-2
+2
%
OUT_ Current
RSETI = 30kΩ, TA = +25°C
48.25
50
51.75
mA
RSETI = 30kΩ, TA = -40°C to +125°C
47.50
50
52.50
RSETI = 15kΩ, TA = +25°C
97
100
103
RSETI = 15kΩ, TA = -40°C to +125°C
96
100
104
RSETI = 10kΩ, TA = +25°C
145.50
150
154.50
RSETI = 10kΩ, TA = -40°C to +125°C
144
150
156
OUT_ Leakage Current
VDIM = 0V, VOUT_ = 40V
-2
+2
µA
LOGIC INPUTS and OUTPUTS
EN Input Logic-High
2.1
V
EN Input Logic-Low
0.4
V
EN Hysteresis
260
mV
EN Input Current
VEN = 12V
7.5
15
µA
VEN = 0.3V
100
200
nA
DIM Input Logic-High
2.1
V
DIM Input Logic-Low
0.8
V
DIM Hysteresis
250
mV
DIM Input Current
VDIM = 5V
-2
+2
µA
DIM to LED Turn-On Delay
DIM rising edge to 10% rise in IOUT_
150
ns
DIM to LED Turn-Off Delay
DIM falling edge to 10% fall in IOUT_
50
ns
IOUT_ Rise Time
10% to 90% IOUT_
200
ns
IOUT_ Fall Time
90% to 10% IOUT_
50
ns
FLT Output Low Voltage
VIN = 4.75V and ISINK = 5mA
0.4
V
FLT Output Leakage Current
VFLT = 5.5V
-1
+1
µA
LED Short-Detection Threshold
VRSDT = 2V
6.1
7
7.9
V
Short-Detection Comparator
Delay
6.5
µs
RSDT Leakage Current
VRSDT = 2.5V
-600
+600
nA
OVP Trip Threshold
OVP rising
1.190
1.228
1.266
V
OVP Hysteresis
70
mV
OVP Leakage Current
VOVP = 1.25V
-200
+200
nA
Electrical Characteristics (continued)
MAX16813
Integrated, 4-Channel, High-Brightness
LED Driver with High-Voltage DC-DC Controller
and Battery Disconnect
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com