Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # SMBJ
Description  SMBJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMBJ Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  SMBJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMBJ Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Bi)
Part
Number
(Uni)
MARKING
Reverse
Stand off
Voltage VR
(Volts)
Breakdown
Voltage VBR
(Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage
IR
@ VR(μA)
Maximum
Peak Pulse
Current
Ipp(A)
Maximum
Clamping
Voltage
VC
@I pp(V)
BI
UNI
Min .V
Max .V
SMBJ5.0CA
SMBJ5.0A
AE
KE
5.0
6.40
7.00
10
500
65.2
9.2
SMBJ6.0CA
SMBJ6.0A
AG
KG
6.0
6.67
7.37
10
500
58.3
10.3
SMBJ 6.5CA
SMBJ 6.5A
AK
KK
6.5
7.22
7.9
10
300
53.6
11.2
SMBJ7.0CA
SMBJ7.0 A
AM
KM
7.0
7.78
8.60
10
200
50.0
12.0
SMBJ7.5CA
SMBJ7.5A
AP
KP
7.5
8.33
9.21
1
100
46.6
12.9
SMBJ8.0CA
SMBJ8.0A
AR
KR
8.0
8.89
9.83
1
50
44.2
13.6
SMBJ8.5CA
SMBJ8.5 A
AT
KT
8.5
9.44
10.40
1
20
41.7
14.4
SMBJ9.0CA
SMBJ9.0 A
AV
KV
9.0
10.00
11.10
1
10
39.0
15.4
SMBJ10CA
SMBJ10A
AX
KX
10.0
11.10
12.30
1
5
35.3
17.0
SMBJ11CA
SMBJ11A
AZ
KZ
11.0
12.20
13.50
1
1
33.0
18.2
SMBJ12CA
SMBJ12A
BE
LE
12.0
13.30
14.70
1
1
30.2
19.9
SMBJ13CA
SMBJ13A
BG
LG
13.0
14.40
15.90
1
1
28.0
21.5
SMBJ14CA
SMBJ14A
BK
LK
14.0
15.60
17.20
1
1
25.9
23.2
SMBJ15CA
SMBJ15A
BM
LM
15.0
16.70
18.50
1
1
24.6
24.4
SMBJ16CA
SMBJ16A
BP
LP
16.0
17.80
19.70
1
1
23.1
26.0
SMBJ17CA
SMBJ17A
BR
LR
17.0
18.90
20.90
1
1
21.8
27.6
SMBJ18CA
SMBJ18A
BT
LT
18.0
20.00
22.10
1
1
20.6
29.2
SMBJ20CA
SMBJ20A
BV
LV
20.0
22.20
24.50
1
1
18.6
32.4
SMBJ22CA
SMBJ22A
BX
LX
22.0
24.40
26.90
1
1
16.9
35.5
SMBJ24CA
SMBJ24A
BZ
LZ
24.0
26.70
29.50
1
1
15.5
38.9
SMBJ26CA
SMBJ26A
CE
ME
26.0
28.90
31.90
1
1
14.3
42.1
SMBJ28CA
SMBJ28A
CG
MG
28.0
31.10
34.40
1
1
13.3
45.4
SMBJ30CA
SMBJ30A
CK
MK
30.0
33.30
36.80
1
1
12.4
48.4
SMBJ33CA
SMBJ33A
CM
MM
33.0
36.70
40.60
1
1
11.3
53.3
SMBJ36CA
SMBJ36A
CP
MP
36.0
40.00
44.20
1
1
10.4
58.1
SMBJ40CA
SMBJ40A
CR
MR
40.0
44.40
49.10
1
1
9.3
64.5
SMBJ43CA
SMBJ43A
CT
MT
43.0
47.80
52.80
1
1
8.7
69.4
SMBJ45CA
SMBJ45A
CV
MV
45.0
50.00
55.30
1
1
8.3
72.7
SMBJ48CA
SMBJ48A
CX
MX
48.0
53.30
58.90
1
1
7.8
77.4
SMBJ51CA
SMBJ51A
CZ
MZ
51.0
56.70
62.70
1
1
7.3
82.4
SMBJ54CA
SMBJ54A
DE
NE
54.0
60.00
66.30
1
1
6.9
87.1
SMBJ58CA
SMBJ58A
DG
NG
58.0
64.40
71.20
1
1
6.5
93.6
SMBJ60CA
SMBJ60A
DK
NK
60.0
66.70
73.70
1
1
6.2
96.8
SMBJ64CA
SMBJ64A
DM
NM
64.0
71.10
78.60
1
1
5.9
103.0
SMBJ70CA
SMBJ70A
DP
NP
70.0
77.80
86.00
1
1
5.3
113.0
SMBJ75CA
SMBJ75A
DR
NR
75.0
83.30
92.10
1
1
5.0
121.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com