Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 5 Page - Shanghai Yint Electronic Co., Ltd

Part # SMBJ
Description  SMBJ Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

SMBJ Datasheet(HTML) 5 Page - Shanghai Yint Electronic Co., Ltd

  SMBJ Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd SMBJ Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
SMBJ Series
www.yint.com.cn
Rev:19.3
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AA (SMB)
Mounting Pad Layout
Part Numbering System
Part Marking System
SMBJ XXX CA
Types A:Uni-Polar
CA: Bi-Polar
Stand-off Voltage
e.g. 6.5=6.5V 30=30.0V
Peak pulse power
e.g. SMA=400W SMB=600W
SMC=1500W SMD=3000W
P6SMB=600W
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
D/C
WE
Data code
Product
Marking
Yint logo
Cathode Band (for
Uni-directional products only)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com