Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH342-PL Datasheet(PDF) 1 Page - Anachip Corp

Part # AH342-PL
Description  Active High/Low Complementary Output Hall-effect Latch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH342-PL Datasheet(HTML) 1 Page - Anachip Corp

  AH342-PL Datasheet HTML 1Page - Anachip Corp AH342-PL Datasheet HTML 2Page - Anachip Corp AH342-PL Datasheet HTML 3Page - Anachip Corp AH342-PL Datasheet HTML 4Page - Anachip Corp AH342-PL Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AH342
Active High/Low Complementary Output Hall-effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Sep 30, 2005
1/5
Features
- Digital dual complementary sink/source outputs
- Reverse Voltage Polarity protection for full supply
range.
- High output current capability
- Low profile 4 pin SIP package
Applications
- Conveyors
- Motor control
- Power sensing
- Linear or rotary motion detection
- RPM sensing
General Description
The AH342 is a bipolar latching hall IC with a pair of
complementary push/pull outputs. A dual hall
element is used to offset stress induced noise and
drift. The robust outputs are capable of sourcing up
to 7.4mA and sinking up to 4.4mA. The device
contains inherent reverse polarity protection up to
the full power supply range.
Pin Assignment
342
12
4
3
1 : Vcc
2 : DO
3 : DOB
4 : Vss
Front View
Pin Descriptions
Name
P/I/O
Pin #
Description
Vcc
P
1
Positive
Power
Supply
DO
O
2
Output Pin
DOB
O
3
Output Pin
Vss
P
4
Ground
Ordering Information
AH342 X - X X
P: SIP-4L
Package
Lead
L : Lead Free
Wafer Body
Blank
*Packing: Bulk


Similar Part No. - AH342-PL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH342-PL-B DIODES-AH342-PL-B Datasheet
171Kb / 8P
ACTIVE HIGH/LOW COMPLEMENTARY OUTPUT
Rev erse
More results

Similar Description - AH342-PL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
AH276 DIODES-AH276 Datasheet
868Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com