Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-354 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-354
Description  AC Input Phototransistor Optocoupler SMD Mini-Flat Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-354 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-354 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Package Outline Drawing
Solder Reflow Temperature Profile
1) One-time soldering reflow is
recommended within the
condition of temperature and
time profile shown at right.
2) When using another soldering
method such as infrared ray
lamp, the temperature may rise
partially in the mold of the
device. Keep the temperature on
the package of the device within
the condition of (1) above.
30 seconds
60 ~ 150 sec
90 sec
60 sec
60 sec
25
°C
150
°C
200
°C
250
°C
260
°C (Peak Temperature)
217
°C
Time (sec)
HCPL-354-000E
HCPL-354-060E
DIMENSIONS IN MILLIMETERS.
4.40
± 0.2
3.60
± 0.3
2.00
± 0.2
5.30
± 0.3
0.2
± 0.05
7.00
0.40
± 0.1
0.10
± 0.1
354
YW W
2.54
± 0.25
DATE CODE *1
RANK *2
LEAD
FREE
+ 0.2
– 0.7
DIMENSIONS IN MILLIMETERS.
4.40
± 0.2
3.60
± 0.3
2.00
± 0.2
5.30
± 0.3
0.2
± 0.05
7.00
0.40
± 0.1
0.10
± 0.1
354 V
YW W
2.54
± 0.25
DATE CODE *1
RANK *2
LEAD
FREE
+ 0.2
– 0.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com