Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-354 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-354
Description  AC Input Phototransistor Optocoupler SMD Mini-Flat Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-354 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-354 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-354 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
150
˚C
Ambient Operating Temperature
TA
–55
100
˚C
Lead Solder Temperature for 10s
Tsol
260
˚C
(1.6 mm below seating plane)
Average Forward Current
IF
±50
mA
Input Power Dissipation
PI
70
mW
Collector Current
IC
50
mA
Collector-Emitter Voltage
VCEO
35
V
Emitter-Collector Voltage
VECO
6V
Collector Power Dissipation
PC
150
mW
Total Power Dissipation
Ptot
170
mW
Isolation Voltage
Viso
3750
Vrms
(AC for 1 minute, R.H. = 40 ~ 60%)[1]
Rank Mark
CTR (%)
Conditions
A
50 ~ 150
IF = ±1 mA,
No Mark
20 ~ 400
VCE = 5 V,
TA = 25˚C
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
–1.2
1.4
V
IF = ±20 mA
Terminal Capacitance
Ct
–
30
250
pF
V = 0, f = 1 kHz
Collector Dark Current
ICEO
–
–
100
nA
VCE = 20 V, IF = 0
Collector-Emitter Breakdown Voltage
BVCEO
35
––V
IC = 0.1 mA, IF = 0
Emitter-Collector Breakdown Voltage
BVECO
6
––V
IE = 10 µA, IF = 0
Collector Current
IC
0.2
–
4
mA
IF = ±1 mA,
Current Transfer Ratio[2]
CTR
20
–
400
%
VCE = 5 V
Collector-Emitter Saturation Voltage
VCE(sat)
–0.1
0.2
V
IF = ±20 mA, IC = 1 mA
Isolation Resistance
Riso
5 x 1010
1 x 1011
–
Ω
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
–
0.6
1
pF
V = 0, f = 1 MHz
Response Time (Rise)
tr
–4
18
µsVCE = 2 V, IC = 2 mA,
Response Time (Fall)
tf
–3
18
µsRL = 100 Ω
Notes:
1. Isolation voltage shall be measured using the following method:
(a) Short between anode and cathode on the primary side and between collector and emitter
on the secondary side.
(b) The isolation voltage tester with zero-cross circuit shall be used.
(c) The waveform of applied voltage shall be a sine wave.
2. CTR =
x 100%
IC
IF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com