Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HST35 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # HST35
Description  Hall split core current sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

HST35 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  HST35 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hall split core current sensor
Model:HST35
Open loop split core type,Sub-plate installation.
Detect DC,AC and pulse current.
Technical indicators:
Flame resistance:UL94-V0
Working temperature:-10~+70℃
Storage temperature:-40~+85℃
Bandwidth:DC~25kHz
Dielectric strength:2.5KV 50Hz 1min
Electrical parameters:
Dimensions( in mm):
www.yhdc.com
Email:yhdc@yhdc.com
Rated input
Input measured range
Rated output
Accuracy
Linearity
Supply voltage(±5%)
Current consumption
Load impedance
Zero offsetTA=25℃
Response time
Weight
I
P
I
PM
V
OUT
X
ε
L
V
C
I
C
R
L
V
OE
T
R
N.W
±200
±400
±4
1
<
0.1
±15
±15
≥10K
≤±15
<
3
A
A
V
%
%
V
mA
Ω
mV
μs
g
Connection diagram
Connector schematic diagram:
Front view
Side view
Bottom view
Φ35.5
85
22
70
Terminal definition
1:+15V
2:-15V
3:Vout
4:0V
+15V
-15V
V
GND
1 2
3 4
1 2 3 4
1
2
3 4
1 2 3 4
Built-in Gain Zero
Terminal connector,Distance 5.08, Stitch size 1×1
5.08
25.25
15.2
20.32
8.4
3.85
5.08
current direction


Similar Part No. - HST35

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HST3.0-12-2 PANDUIT-HST3.0-12-2 Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
HST3.0-48-2 PANDUIT-HST3.0-48-2 Datasheet
76Kb / 1P
Thick Wall Polyolefin Heat Shrink
logo
Beijing Yaohuadechang E...
HST30 YHDC-HST30 Datasheet
4Mb / 1P
Hall split core current sensor
HST30-100A YHDC-HST30-100A Datasheet
4Mb / 1P
Hall split core current sensor
HST30-300A YHDC-HST30-300A Datasheet
4Mb / 1P
Hall split core current sensor
More results

Similar Description - HST35

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST21-50A YHDC-HST21-50A Datasheet
6Mb / 1P
Hall split core current sensor
HST21-200A YHDC-HST21-200A Datasheet
6Mb / 1P
Hall split core current sensor
HST21-300A YHDC-HST21-300A Datasheet
6Mb / 1P
Hall split core current sensor
HST21-400A YHDC-HST21-400A Datasheet
6Mb / 1P
Hall split core current sensor
HST30-300A YHDC-HST30-300A Datasheet
4Mb / 1P
Hall split core current sensor
HSTS016L-100A YHDC-HSTS016L-100A Datasheet
940Kb / 1P
Hall split core current sensor
HSTS016L-200A YHDC-HSTS016L-200A Datasheet
940Kb / 1P
Hall split core current sensor
HSTS21-600A YHDC-HSTS21-600A Datasheet
6Mb / 1P
Hall split core current sensor
HST8422 YHDC-HST8422 Datasheet
4Mb / 1P
Hall split core current sensor
HSTS30 YHDC-HSTS30 Datasheet
4Mb / 1P
Hall split core current sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com