Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17517 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC17517
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17517 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC17517 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
17517
7
Timing Diagrams
Figure 2. tPLH, tPHL, and tPZH Timing
Figure 3. Low-Voltage Detection Timing
Figure 4. Charge Pump Timing
10%
IN1, IN2,
50%
OUTA,
OUTB,
OUTC
EN1, EN2
90%
tPLH
tPHL
tV
DDDET
VDD
IM
50%
tV
DDDET
VDDDETon
VDDDEToff
90%
0%
(<1.0
µA)
0.8 V/
1.5 V
2.5 V/3.5 V
tVGON
VDD
VCRES
11 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com