Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17517 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC17517
Description  1.0 A 6.8 V Dual Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17517 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC17517 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17517 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
17517
11
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
---
1.20
---
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.18
0.28
0.007
0.011
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH OR
GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER
SIDE.
4.
DIMENSIONBDOESNOTINCLUDEINTERLEADFLASH
OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5.
DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL CONDITION.
6.
TERMINAL NUMBERS ARE SHOWN FOR REFERENCE
ONLY.
7.
DIMENSION A AND B ARE TO BE DETERMINED AT
DATUM PLANE -W-.
°°
°
°
SECTION N-N
SEATING
PLANE
IDENT.
PIN 1
1
8
16
9
DETAIL E
J
J1
B
C
D
A
K
K1
H
G
DETAIL E
F
M
L
2X
L/2
-U-
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
-T-
-V-
-W-
0.25 (0.010)
16X
REF
K
N
N
DTB SUFFIX
16-LEAD TSSOP
PLASTIC PACKAGE
CASE 948F-01
ISSUE O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com