Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM372F213CS Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KMM372F213CS
Description  2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F213CS Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KMM372F213CS Datasheet HTML 7Page - Samsung semiconductor KMM372F213CS Datasheet HTML 8Page - Samsung semiconductor KMM372F213CS Datasheet HTML 9Page - Samsung semiconductor KMM372F213CS Datasheet HTML 10Page - Samsung semiconductor KMM372F213CS Datasheet HTML 11Page - Samsung semiconductor KMM372F213CS Datasheet HTML 12Page - Samsung semiconductor KMM372F213CS Datasheet HTML 13Page - Samsung semiconductor KMM372F213CS Datasheet HTML 14Page - Samsung semiconductor KMM372F213CS Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DRAM MODULE
KMM372F213CK/CS
tDOH
HYPER PAGE READ CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR
tRASP
tRP
tRCD
tASR
tCRP
Don
′t care
Undefined
VOH -
VOL -
DQ
tOEP
COLUMN
ADDRESS
tCAS
tCAS
tCAS
tCAS
tCP
tCP
tCP
tHPC
tHPC
tHPC
tRHCP
tCSH
tRAD
tRAH tASC
tCAH
tCAH
tCAH
tASC
tCAH
tRCS
tAA
tRCH
tASC
COLUMN
ADDRESS
COLUMN
ADDR
VALID
DATA-OUT
tOEZ
tOEA
tOEP
tAA
tCAC
tOEA
tAA
tCPA
tCAC
tCPA
VALID
DATA-OUT
VALID
DATA-OUT
tOEZ
tCLZ
tRAC
tOEA
tOLZ
tCAC
tRRH
tCHO
tREZ
tOEZ
tCAC
tOCH
tCPA
tCAC
VALID
DATA-OUT
¡ó
tASC
tAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com