Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMM372F213CS Datasheet(PDF) 14 Page - Samsung semiconductor

Part # KMM372F213CS
Description  2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372F213CS Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button KMM372F213CS Datasheet HTML 10Page - Samsung semiconductor KMM372F213CS Datasheet HTML 11Page - Samsung semiconductor KMM372F213CS Datasheet HTML 12Page - Samsung semiconductor KMM372F213CS Datasheet HTML 13Page - Samsung semiconductor KMM372F213CS Datasheet HTML 14Page - Samsung semiconductor KMM372F213CS Datasheet HTML 15Page - Samsung semiconductor KMM372F213CS Datasheet HTML 16Page - Samsung semiconductor KMM372F213CS Datasheet HTML 17Page - Samsung semiconductor KMM372F213CS Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DRAM MODULE
KMM372F213CK/CS
HYPER PAGE READ AND WRITE MIXED CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
OE
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR
tRASP
tRP
Don
′t care
Undefined
VI/OH -
VI/OL -
DQ
tWEZ
tCP
tCP
tHPC
tHPC
tHPC
tRAD
tRAH
tASC
tCAH
tCAH
tCAH
tASC
tCAH
tRCH
tRCS
tRCS
tRCH
tASC
COLUMN
ADDRESS
COL.
ADDR
VALID
DATA-OUT
tREZ
tAA
tWCS
VALID
DATA-OUT
VALID
DATA-OUT
VALID
DATA-IN
tRAC
COL.
ADDR
tCAS
tASR
tCAS
tCAS
tCAS
tASC
tCP
tRCH
tWCH
tWPE
tCLZ
tCPA
tWED
tAA
tWEZ
tDS
tDH
tCAC
tOEA
READ(
tCAC)
READ(
tCPA)
WRITE
READ(
tAA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com