Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2323PI Datasheet(PDF) 14 Page - Ericsson

Part # PKA2323PI
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2323PI Datasheet(HTML) 14 Page - Ericsson

Back Button PKA2323PI Datasheet HTML 10Page - Ericsson PKA2323PI Datasheet HTML 11Page - Ericsson PKA2323PI Datasheet HTML 12Page - Ericsson PKA2323PI Datasheet HTML 13Page - Ericsson PKA2323PI Datasheet HTML 14Page - Ericsson PKA2323PI Datasheet HTML 15Page - Ericsson PKA2323PI Datasheet HTML 16Page - Ericsson PKA2323PI Datasheet HTML 17Page - Ericsson PKA2323PI Datasheet HTML 18Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
14
Output characteristic (typ)
PKA 2232 PI, CI
Efficiency (typ)
Output characteristic (typ)
Power derating
Output characteristic (typ)
Output characteristic (typ)
PKA 2432 PIL
Power derating
Output characteristic (typ)
Output characteristic (typ)
Efficiency (typ)
Load current Output 1(A), I
O2
, IO3 = IOnom
60
70
80
90
5
1
2
3
4
19 V
35 V
Load current Output 1(A), I
O2
, IO3 = IOnom
60
70
80
90
3.8
0.76
1.52
2.28
3.04
35 V
19 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com