Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKA2323PI Datasheet(PDF) 15 Page - Ericsson

Part # PKA2323PI
Description  25-40 W DC/DC Power Modules 24 V Input Series
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2323PI Datasheet(HTML) 15 Page - Ericsson

Back Button PKA2323PI Datasheet HTML 11Page - Ericsson PKA2323PI Datasheet HTML 12Page - Ericsson PKA2323PI Datasheet HTML 13Page - Ericsson PKA2323PI Datasheet HTML 14Page - Ericsson PKA2323PI Datasheet HTML 15Page - Ericsson PKA2323PI Datasheet HTML 16Page - Ericsson PKA2323PI Datasheet HTML 17Page - Ericsson PKA2323PI Datasheet HTML 18Page - Ericsson PKA2323PI Datasheet HTML 19Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
15
EMC Specifications
The conducted EMI measurement was performed using a module
placed directly on the test bench.
The fundamental switching frequency is 300 kHz ±15% @ VI = 26V,
IO = (0.1...1.0) × IOmax.
Output Ripple (VOac)
Output ripple is measured as the peak to peak voltage of the funda-
mental switching frequency.
Conducted EMI Input terminal value (typ)
Over Voltage Protection (OVP)
The remote control can also be utilized for OVP by using the external
circuitry in fig. 2. Resistor values given are for 5 V output applica-
tions, but can easily be adjusted for other output voltages and the
desired OVP level.
Maximum Capacitive Load
The maximum recommended capacitance connected directly to the
PKA DC/DC power modules’ output, without resistance or inductance
in series, is 100
mF/A (output current rating). Connect capacitors
across the load for maximum effectiveness and maximum stability
margins.
Turn-off Input Voltage (VIoff)
The input voltage is monitored and the PKA DC/DC power module
will turn on and turn off at predetermined levels. The levels can be
decreased by means of an external resistor connected between pin 1
and pin 4.
A 200 k
W resistor will decrease the shutdown voltage below 18 V. To
maintain the nominal output voltage at input voltages below VI min it
may be necessary to decrease the load.
Operating information
Remote Control (RC)
Turn-on or turn-off can be realized by using the RC-pin. Normal
operation is achieved if pin 1 is open (NC). If pin 1 is connected to pin
3 the PKA DC/DC power module turns off. To ensure safe turn-off the
voltage difference between pin 1 and 3 shall be less than 1.8 V. RC is
TTL open collector compatible (see fig. 1). Pin 1 is an output and no
current should be driven into pin 1. Use a diode if necessary e.g. totem
pole TTL logic. The internal pull-up resistance is 36 k
W
.
Fig. 1
RC
(pin 1)
TTL
PKA
Control
Logic
-VI
+VI
-In
(pin 3)
Test Set-up according to CISPR publ. 1A
.
5
50
Fig. 2
6
7
9
8
10
5
4
1
3
Parallel Operation
Due to the current limiting protection (hick-up), temperature coeffi-
cient and output voltage characteristic for PKA paralleling of modules
for increased power is not recommended. PKA can be paralleled for
redundancy.
Output Voltage Adjust (Vadj)
The output voltage, VO, can be adjusted by using an external resistor.
The output voltage adjust function is not accurate and it is recom-
mended to use a potentiometer. To decrease the output voltage the
resistor should be connected between pin 10 and pin 9 (+ Out 1). To
increase the output voltage the resistor should be connected between
pin 10 and pin 8 (– Out 1).
Current LimitingProtection
The output power is limited at loads above the output current limiting
threshold (Ilim), specified as a minimum value.
As the PKA multiple output models are power limited, current limit-
ing threshold for an individual output is set by the loads on the other
outputs. The power module can withstand continuous short circuit
without destruction. A hick-up mode is used on all models to mini-
mize the internal power dissipation. The hick-up time constant is set
by the slow start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com