Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E35 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # E35
Description  High temperature versions optional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

E35 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  E35 Datasheet HTML 1Page - ZF Friedrichshafen AG E35 Datasheet HTML 2Page - ZF Friedrichshafen AG E35 Datasheet HTML 3Page - ZF Friedrichshafen AG E35 Datasheet HTML 4Page - ZF Friedrichshafen AG E35 Datasheet HTML 5Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MINIATURE Switch
E21-E36 Series
Features
 8 Contact Ratings
DC ratings optional
 Standard or light force versions available
 High temperature versions optional
 Agency approved long life versions optional
Electrical Ratings and Operating Life
According to UL 1054
Switch
Series
Nominal Load
Electrical Life at Rated Load
E21
0.1A 125 VAC (0.25A, 30VDC optional)
6000**
E22
3A 125/250 VAC, 1/10 HP 250 VAC (0.1A, 125VDC optional)
6000
E23
5A ¼ HP, 125/250 VAC
6000
E31
1A 125 VAC
6000
E33
10A ½ HP 125/250 VAC (6A 30VDC optional)
6000**
E34
15A ½ HP 125/250 VAC
6000*
E35
20.1A ½ HP 125/250 VAC
6000
E36
25A 125/250 VAC; 1 HP 125 VAC, 2 HP 250 VAC
6000
* Indicates 100K UL Life available on AC versions optional.
** Indicates 100K UL Life available on AC and DC versions optional Contact Factory for
new part number.
Technical Specifications
Material Specifications
Case:
General Purpose Phenolic
Common Terminal:
Silver Plated Brass (E21, E22, E23, E31, E33, E34, E35)
Silver Plated Copper (E36)
Temperature
Rating:
-40°C to 85°C
(130°C and 150°C optional. Not
available on E36. Contact factory for
special part numbers.)
NO & NC Terminal:
Brass (E21, E22, E23, E31, E33, E34, E35)
Copper (E36)
Flammability
Rating:
UL94HB
Moving Blade:
Brass (E21, E33, E23)
Silver Plated Beryllium Copper (E31, E33, E34, E35, E36)
Actuating Button
Thermoplastic Acetal
Mounting:
Recommended screw: #4-40 round
head, UL approved.
Recommended torque: 3 inch lbs. max
Auxiliary Actuator:
Cold Rolled Steel (Nickel Plated)
(E21 and E22 use Aluminum)
UL File No.:
E23301
RoHS
Compliant
Contacts:
Silver Alloy
Gold Crosspoint: E21 and E31
Fine Silver: E22
Specifications subject to change
E34 only
UL approval
only on E35
Not recommended for new designs
Please review our D4 series
http://www.cherrycorp.com/english/switches/miniature/d4.htm


Similar Part No. - E35

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
E35-25-RED MULTICOMP-E35-25-RED Datasheet
220Kb / 2P
E Series Bootlace Ferrules
13/05/24 V1.1
logo
Ferroxcube Internationa...
E35-3C90 FERROXCUBE-E35-3C90 Datasheet
43Kb / 3P
E cores and accessories
E35-3C90 FERROXCUBE-E35-3C90 Datasheet
45Kb / 3P
EI cores
E35-3C90-A250 FERROXCUBE-E35-3C90-A250 Datasheet
43Kb / 3P
E cores and accessories
E35-3C90-A315 FERROXCUBE-E35-3C90-A315 Datasheet
43Kb / 3P
E cores and accessories
More results

Similar Description - E35

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43860-0007 MOLEX-43860-0007 Datasheet
208Kb / 2P
Right Angle, Low Profile Inverted Shielded and Unshielded Versions with Low or High Temperature Lightpipes
logo
Vicor Corporation
VE-JT4-IW VICOR-VE-JT4-IW Datasheet
189Kb / 5P
RoHS compliant (VE versions)
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
RoHS Compliant Versions Available
logo
Texas Instruments
TRF37A75 TI1-TRF37A75 Datasheet
1Mb / 20P
Gain Versions: 12 dB
logo
Ohmite Mfg. Co.
RES-UM OHMITE-RES-UM Datasheet
382Kb / 2P
Special versions possible
logo
Shanghai Semitech Semic...
3KP5.0A SEMITECH-3KP5.0A Datasheet
270Kb / 5P
Uni-directional Versions Available
SA440CA SEMITECH-SA440CA Datasheet
244Kb / 6P
Uni-directional Versions Available
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
PCB versions available
logo
Ohmite Mfg. Co.
METALOHM OHMITE-METALOHM Datasheet
278Kb / 2P
Noninductive versions
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
RoHS versions available
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com