Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS101205 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # GS101205
Description  Flange mount gear tooth speed sensor rated to 140 C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

GS101205 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  GS101205 Datasheet HTML 1Page - ZF Friedrichshafen AG GS101205 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last saved by 2014-10-29, Specifications subject to change without notice.
Gear Tooth Speed Sensors
GS101205 Sensors
Flange mount gear tooth speed sensor rated to 140 °C
Description
The GS101205 series gear tooth speed sensors are Hall Effect devices designed for use in applications where ferrous edge
detection/near zero speed sensing is needed. The single Hall design is immune to alignment issues allowing unlimited mounting
positions. They provide a sinking current output.
Features
Typical Applications
From near zero speed up to 15 kHz sensing capability
Plastic flange mount-housing
Resistant to fuels, solvents, and lubricants associated with
engines, transmissions, brakes and chassis systems
RoHS compliant
IP67
Typical air gap of 1.5 mm*
Speedometers
Anti-lock braking systems
Exercise equipment
CNC machine tools
Environmental Specifications
Vibration
Sinusoidal, 15 g max from 40 Hz to 2 kHz
Mechanical Shock Resistance
50 g
Maximum Speed Detection
15 kHz
Operating Temperature**
-40
⁰C to 140 ⁰C (-40 ⁰F to 284 ⁰F)
**up to 150
⁰C (302 ⁰F) with reduced performance
Storage Temperature
-40
⁰C to 150 ⁰C (-40 ⁰F to 302 ⁰F)
Ingress Protection
IP67
Electrical Specifications
Operating Supply Voltage
5 to 24 VDC
Maximum Input Voltage
30 VDC
Maximum Reverse Voltage
26.5 VDC
Supply Current
3 mA typ., 6 mA max
Output Sink Current
25 mA max
Recommended Pull-Up Resistor
See chart
Mechanical Specifications
Housing Material
Glass Reinforced Thermoplastic
Maximum Installation Torque Limit
5.65 Nm (50 in lb) on threads
Operating Air Gap / Sensing Distance*
1.5 mm (0.06")
* With recommended target type; see drawing
Sensor Orientation
Not sensitive
Possible O-ring size
AS568A-016 (varies with application)
**Mates to Delphi connector 12162280
Products
Part Number
Leads
Connector**
GS101205
Delphi Metri-Pack 150


Similar Part No. - GS101205

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
GS101201 ZFSWITCHES-GS101201 Datasheet
648Kb / 2P
Flange mount gear tooth speed sensor
GS101202 ZFSWITCHES-GS101202 Datasheet
648Kb / 2P
Flange mount gear tooth speed sensor
More results

Similar Description - GS101205

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
logo
ZF Friedrichshafen AG
GS101201 ZFSWITCHES-GS101201 Datasheet
648Kb / 2P
Flange mount gear tooth speed sensor
GS102301 ZFSWITCHES-GS102301 Datasheet
342Kb / 2P
Threaded, straight connector gear tooth speed sensor rated to 140 C
SD101201 ZFSWITCHES-SD101201 Datasheet
370Kb / 2P
Gear Tooth Speed and Direction Sensor
logo
Standex Electronics, In...
S12H-SSTDSO-R5CB2-001 STANDEX-S12H-SSTDSO-R5CB2-001 Datasheet
565Kb / 3P
Gear Tooth Speed Switch
Rev DBA
S12H-SSTDSO-R5CB2-500 STANDEX-S12H-SSTDSO-R5CB2-500 Datasheet
566Kb / 3P
Gear Tooth Speed Switch
Rev DBA
S12R-SSRDSO-NCSL5-001 STANDEX-S12R-SSRDSO-NCSL5-001 Datasheet
607Kb / 3P
Gear Tooth Speed Switch
Rev CAA
S12R-SSRDSO-NOSL5-500 STANDEX-S12R-SSRDSO-NOSL5-500 Datasheet
606Kb / 3P
Gear Tooth Speed Switch
Rev CAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com