Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS100202 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # GS100202
Description  Hall Effect gear tooth speed sensor with adjustable stainless steel housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

GS100202 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  GS100202 Datasheet HTML 1Page - ZF Friedrichshafen AG GS100202 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-12-15, Specifications subject to change without notice.
Gear Tooth Speed Sensors
GS1001 – GS1002 Sensors
Hall Effect gear tooth speed sensor with
adjustable stainless steel housing
Description
The GS1001-GS1002 series gear tooth speed sensors are Hall Effect devices designed for use in applications where ferrous
edge detection/near zero speed sensing is needed. They provide a sinking current output.
Features
Typical Applications
•
From near zero speed up to 15 kHz sensing capability
•
10 bit dynamic threshold direction offers:
- Automatically adjusting magnetic range
- Self-compensating to target geometry
•
Compatible with unregulated power supply
•
RoHS compliant
•
IP67
•
Typical air gap of 1.5 mm*
•
Speedometers
•
Anti-lock braking systems
•
Exercise equipment
•
CNC machine tools
Environmental Specifications
Vibration
Sinusoidal, 15 g max from 40 Hz to 2 kHz
Mechanical Shock Resistance
50 g
Maximum Speed Detection
15 kHz
Operating Temperature (GS100101, GS100201)
-40 °C to 105 ⁰C (-40 ⁰F to 221 ⁰F)
Operating Temperature (GS100102, GS100202)
-40 °C to 125 ⁰C (-40 ⁰F to 257 ⁰F)
Storage Temperature
-40 °C to 125 ⁰C (-40 ⁰F to 257 ⁰F)
Ingress Protection
IP67
Electrical Specifications
Operating Supply Voltage
5 to 24 VDC
Maximum Input Voltage
30 VDC
Maximum Reverse Voltage
24 VDC
Supply Current
3 mA typ., 6 mA max
Output Sink Current
20 mA max
Recommended Pull-Up Resistor
See chart
Mechanical Specifications
Housing Material
303 Stainless Steel
Maximum Installation Torque Limit
5.65 Nm (50 in lb) on threads
Operating Air Gap / Sensing Distance*
1.5 mm (0.06")
* With recommended target type; see drawing
Sensor Orientation
Not sensitive
Products
Part Number
Thread
Shielded Cable with Drain
Connector
GS100101
M12-1
12 mm, 4-pin circular mating connector, type IEC 60947-5-2
GS100102
M12-1
22 AWG x 1 m
GS100201
M18-1
12 mm, 4-pin circular mating connector, type IEC 60947-5-2
GS100202
M18-1
22 AWG x 1 m


Similar Part No. - GS100202

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
GS1002 DGNJDZ-GS1002 Datasheet
248Kb / 3P
1.0 AmpereSilion Rectifier
GS1002 DGNJDZ-GS1002 Datasheet
280Kb / 3P
1.0 AmpereSilion Rectifier
logo
SUNMATE electronic Co.,...
GS1002F SUNMATE-GS1002F Datasheet
352Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Pan Jit International I...
GS1002FL PANJIT-GS1002FL Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
GS1002FL PANJIT-GS1002FL Datasheet
132Kb / 3P
SURFACE GENERAL PURPOSE RECTIFIERS
More results

Similar Description - GS100202

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
A3064 ALLEGRO-A3064 Datasheet
143Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
Hall effect Gear tooth Sensor
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
Hall Effect Gear Tooth Sensors
logo
Allegro MicroSystems
ATS19200 ALLEGRO-ATS19200 Datasheet
675Kb / 13P
High-Accuracy Hall-Effect Wheel Speed Gear Tooth Sensor IC
logo
ZF Friedrichshafen AG
GS1005 ZFSWITCHES-GS1005 Datasheet
357Kb / 2P
Hall Effect gear tooth speed sensor with adjustable anodized aluminum housing
logo
Allegro MicroSystems
ATS19420 ALLEGRO-ATS19420 Datasheet
859Kb / 12P
High-Accuracy Hall-Effect Transmission Speed Gear Tooth Sensor IC
October 31, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com