Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIN Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # LIN
Description  Thin, programmable, non-contact magnetic position sensors with dual outputs available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

LIN Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  LIN Datasheet HTML 1Page - ZF Friedrichshafen AG LIN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2
Last update 2016-07-12; specifications subject to change without notice.
Typical Output vs. Linear Displacement (as percentage of input)
Dimensions mm (inches)
Products
Part Number
Output
Interface
LIN-11HAW1
Analog single
20 AWG x 305 mm (12") discrete
wires
LIN-21HAW1
Analog dual
20 AWG x 305 mm (12") discrete
wires



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com