Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # LIN
Description  Thin, programmable, non-contact magnetic position sensors with dual outputs available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

LIN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  LIN Datasheet HTML 1Page - ZF Friedrichshafen AG LIN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2
Last update 2016-07-12; specifications subject to change without notice.
Linear Position Sensors
LIN Sensors
– Kit with magnet
Thin, programmable, non-contact magnetic position sensors
with dual outputs available
Description
The LIN Series sensors are non-contact linear position sensors with one or two independent outputs. The sensors operate through the
use of Hall Effect technology with magnetic fields generated by permanent magnets. They provide a linear change in voltage output
(ratiometric to the input voltage) corresponding to a linear displacement of the actuator magnet.
The included actuator magnet is specifically paired to the sensor and is required to assure proper operation. Other magnets may yield
less than optimal performance.
Features
Typical Applications
Easy setup and robust monitoring with M4 screws
Dual independent (redundant) outputs assure high reliability
Custom programming available for: range, slope, PWM output
No mechanical interface means no parts to wear out or jam
Comes with 20 AWG 305 mm
(12”) discrete wire leads or harness
with connector
RoHS Compliant
IP68*
Suitable for wide air gap applications
Compliant to industrial/automotive EMC/EMI/ESD directives
Hydraulic valves
Hydraulic controls
Electric drives
Pneumatic controls
Zero-contact encoder alternative
Gear selection / shifting position
Environmental Specifications
Operating Temperature
-40 ⁰C to 140 ⁰C (-40 ⁰F to 284 ⁰F)
Ingress Protection
IP68*
*Contact ZF for details on testing conditions
Electrical Specifications
Input
Supply Voltage
Maximum Overvoltage
Reverse Battery Protection
5.0 VDC ± 10%
16 VDC
12 VDC
Output Signal
0.5
– 4.5 VDC (with nominal input)
Input Current
Single output
8 mA typ., 10 mA max.
Dual output
16 mA typ., 20 mA max.
Resolution
12 bit
Accuracy, overall
±2% Full scale
Output Linearity
±1%Full scale
Mechanical Specifications
Measuring Range
Up to 45 mm
Air Gap**
4.5 mm (0.18
”)
Maximum Magnet Misalignment
2 mm
(0.08”)
**Output is calibrated to meet spec within air gap shown; any variation will affect performance


Similar Part No. - LIN

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LINE 11-LT1400 LIGHTGRAPHIX-LINE 11-LT1400 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
LINE 11-LT500 LIGHTGRAPHIX-LINE 11-LT500 Datasheet
4Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID- LOW PROFILE
29 April 2026
LINE 15-LT1400 LIGHTGRAPHIX-LINE 15-LT1400 Datasheet
2Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID
23 April 2026
LINE 15-LT2000 LIGHTGRAPHIX-LINE 15-LT2000 Datasheet
2Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID
23 April 2026
LINE 15-LT500 LIGHTGRAPHIX-LINE 15-LT500 Datasheet
2Mb / 6P
EXTERIOR/ INTERIOR LINEAR RIGID
23 April 2026
More results

Similar Description - LIN

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS520 HONEYWELL-SS520 Datasheet
72Kb / 4P
Dual Hall-effect Digital Position Sensors with speed & direction outputs
logo
Vishay Siliconix
PNM1206E1002BBT1 VISHAY-PNM1206E1002BBT1 Datasheet
101Kb / 4P
Precision Thin Film Non-Magnetic Resistor
26-Jan-11
logo
TOCOSAMERICA, INC.
RSM011 TOCOS-RSM011 Datasheet
407Kb / 5P
Low Profile, Single Output, Non-Contact Angle/Position Sensors
RSM012 TOCOS-RSM012 Datasheet
418Kb / 5P
Low Profile, Dual Output, Non-Contact Angle/Position Sensors
RSM134 TOCOS-RSM134 Datasheet
341Kb / 5P
Single Output, Non-Contact Angle/Position Sensors
logo
ZF Friedrichshafen AG
AN8 ZFSWITCHES-AN8 Datasheet
371Kb / 2P
Programmable, non-contact magnetic position sensors capable of continuous rotation
AN9 ZFSWITCHES-AN9 Datasheet
397Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
ANG ZFSWITCHES-ANG Datasheet
410Kb / 2P
Thin, programmable, non-contact magnetic position sensors capable of continuous rotation, with dual outputs available
logo
MultiDimension Technolo...
LPS-TMR125A4 MULTIDIMENSION-LPS-TMR125A4 Datasheet
547Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
LPS-TMR125B4 MULTIDIMENSION-LPS-TMR125B4 Datasheet
545Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com