Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1014 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # MP1014
Description  Digital Hall-effect position sensor in low-profile flange-mount housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP1014 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  MP1014 Datasheet HTML 1Page - ZF Friedrichshafen AG MP1014 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, last update 2014-10-29, Specifications subject to change without notice.
Magnetic Proximity Sensors (Hall Effect)
MP1014 Sensors
Digital Hall-effect position sensor
in low-profile flange-mount housing
Description
The MP1 Series sensors are one-piece non-contact solid-state position sensors. The sensors operate through the use of Hall
Effect technology with magnetic fields generated by permanent magnets. They provide a sinking current output.
Features
Typical Applications
Solid state reliability
South pole sensitive
Unipolar device
RoHS compliant
Low profile design
IP65
Door position & interlock
Limit switch
Flow/speed
Home security
Pedal switch
Environmental Specifications
Operating Temperature
-40 °C to 85
⁰C (-40 ⁰F to 185 ⁰F)
StorageTemperature
-40 °C to 100
⁰C (-40 ⁰F to 212 ⁰F)
Ingress Protection
IP65
Electrical Specifications
Operating Supply Voltage (MP101401)
4.5 to 18 VDC
Operating Supply Voltage (MP101402)
4.5 to 24 VDC
Supply Current
3.0 mA typ., 5.2 mA max.
Output Current (Sink)
20 mA max.
Maximum Reverse Voltage (MP101401)
18 VDC
Maximum Reverse Voltage (MP101402)
15 VDC
Pull-Up Resistor
See chart
Mechanical Specifications
Housing Material
Glass-reinforced nylon plastic
*Not commonly stocked
Note: An external pull-up resistor is required, the value of which is dependent on the supply voltage. The resistor should be
connected between the output and Vcc. Refer to the wiring diagram for lead colors or pin numbering as applicable.
Recommended External Pull-Up Resistor
Volts DC
5
9
12
15
24
Ohms
1k
1.8k
2.4k
3k
3k
Products
Part Number
Leads
MP101401
24 AWG x 314 mm
MP101402*
24 AWG x 314 mm


Similar Part No. - MP1014

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP101 CTS-MP101 Datasheet
133Kb / 5P
Quartz Crystal
logo
Micro Commercial Compon...
MP101 MCC-MP101 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1010 COMCHIP-MP1010 Datasheet
35Kb / 2P
Silicon Bridge Rectifiers
logo
Dc Components
MP1010 DCCOM-MP1010 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results

Similar Description - MP1014

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
HAMLIN Position and Mov...
55505-00-01-A HAMLIN-55505-00-01-A Datasheet
168Kb / 1P
Flange Mount Hall Effect Geartooth Sensor
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
HAMLIN Position and Mov...
HAMLIN55505 HAMLIN-HAMLIN55505 Datasheet
194Kb / 1P
55505 Hall Effect Flange Mount Geartooth Sensor
logo
Panasonic Battery Group
AN488XX PANASONICBATTERY-AN488XX Datasheet
395Kb / 1P
Surface Mount, Hall Effect Latches, Magnetic Digital-Position Sensor IC?셲
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
logo
ZF Friedrichshafen AG
MP1021 ZFSWITCHES-MP1021 Datasheet
212Kb / 2P
Digital Hall-effect position sensor in low-profile flange-mount housing
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com