Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1021 Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # MP1021
Description  Digital Hall-effect position sensor in low-profile flange-mount housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

MP1021 Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  MP1021 Datasheet HTML 1Page - ZF Friedrichshafen AG MP1021 Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2016-01-12, Specifications subject to change without notice.
Magnetic Proximity Sensors (Hall Effect)
MP1021 Sensors
Digital Hall-effect position sensor in low-profile flange-mount housing
Description
The MP1 Series sensors are one-piece non-contact solid-state position sensors. The sensors operate through the use of Hall Effect
technology with magnetic fields generated by permanent magnets. They provide a sinking current output.
Features
Typical Applications
Solid state reliability
Flange-mount housing
Stable output over operating temperature range
Compatible with unregulated power supply
Open collector (NPN) output can be used with bipolar or CMOS
logic circuits with suitable pull-up resistor
North pole sensitive
Unipolar device (MP102101, MP102102, MP102103)
Latching versions available (MP102104, MP102105, MP102106)
RoHS compliant
IP67
Door position & interlock
Limit switch
Flow/speed
Home security
Pedal switch
Environmental Specifications
Operating Temperature
-40 °C to 85 ⁰C (-40 ⁰F to 185 ⁰F)
Storage Temperature
-40 °C to 85 ⁰C (-40 ⁰F to 185 ⁰F)
Ingress Protection
IP67
Electrical Specifications
Operating Supply Voltage
4.5 to 24 VDC
Supply Current
2.5 mA typ., 5 mA max.
Output Current (Sink)
25 mA max.
Maximum Reverse Voltage
30 VDC
Recommended Pull-Up Resistor
See chart
Mechanical Specifications
Housing Material
Glass-reinforced plastic
Turn on / off (MP102101, MP102102, MP102103)
300 Gauss / 95 Gauss
Turn on / off (MP102104, MP102105, MP102106)*
60 Gauss / 60 Gauss
*MP102104, MP102105, MP102106 are latching sensors and release when 60 Gauss is applied to the south pole
*Not commonly stocked; please contact the factory or your distributor
Products
Part Number
Sensing Location
Termination
MP102103
C
24 AWG x 314 mm
MP102101*
A
24 AWG x 314 mm
MP102102*
B
24 AWG x 314 mm
MP102104*
A
24 AWG x 314 mm
MP102105*
B
24 AWG x 314 mm
MP102106*
C
24 AWG x 314 mm


Similar Part No. - MP1021

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP102 MCC-MP102 Datasheet
115Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP1026 MPS-MP1026 Datasheet
34Kb / 1P
CCFL Driver For Handheld Display Applications
logo
CHENG-YI ELECTRONIC CO....
MP102M CHENG-YI-MP102M Datasheet
126Kb / 2P
10 AMPS EPOXY BRIDGE RECTIFIER
More results

Similar Description - MP1021

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
HAMLIN Position and Mov...
55505-00-01-A HAMLIN-55505-00-01-A Datasheet
168Kb / 1P
Flange Mount Hall Effect Geartooth Sensor
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
HAMLIN Position and Mov...
HAMLIN55505 HAMLIN-HAMLIN55505 Datasheet
194Kb / 1P
55505 Hall Effect Flange Mount Geartooth Sensor
logo
Panasonic Battery Group
AN488XX PANASONICBATTERY-AN488XX Datasheet
395Kb / 1P
Surface Mount, Hall Effect Latches, Magnetic Digital-Position Sensor IC?셲
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Vishay Siliconix
20LHE VISHAY-20LHE Datasheet
381Kb / 4P
Linear Position Sensor in Hall Effect Technology
27-Mar-15
logo
ZF Friedrichshafen AG
MP1014 ZFSWITCHES-MP1014 Datasheet
272Kb / 2P
Digital Hall-effect position sensor in low-profile flange-mount housing
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com