Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT33 Datasheet(PDF) 4 Page - CUI INC

Part # AMT33
Description  MODULAR COMMUTATION ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT33 Datasheet(HTML) 4 Page - CUI INC

  AMT33 Datasheet HTML 1Page - CUI INC AMT33 Datasheet HTML 2Page - CUI INC AMT33 Datasheet HTML 3Page - CUI INC AMT33 Datasheet HTML 4Page - CUI INC AMT33 Datasheet HTML 5Page - CUI INC AMT33 Datasheet HTML 6Page - CUI INC AMT33 Datasheet HTML 7Page - CUI INC AMT33 Datasheet HTML 8Page - CUI INC AMT33 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 06/21/2019
│ page 4 of 10
CUI Inc
│ SERIES: AMT33 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
PART NUMBER KEY
For customers that prefer a specific AMT33 configuration, please reference the custom configuration key below.
AMT33XX - XXXX - XXXX - XX - XX
Quadrature
Resolution (PPR):
0048
0096
0100
0125
0192
0200
0250
0256
0360
0384
0400
0500
0512
0768
0800
1000
1024
1600
2000
2048
2500
4096
Bore Diameter:
9000 = 9 mm
9525 = 3/8''
1000 = 10 mm
1100 = 11 mm
1200 = 12 mm
1270 = 1/2”
1300 = 13 mm
1400 = 14 mm
1500* = 15 mm
1587 = 5/8”
Orientation:
2 = Radial
3 = Axial
Base Number
Output Signals:
S = CMOS Voltage
D = Line Driver
Motor Poles:
02
10
04
12
06
20
08
Direction:
“blank” = CCW
CW = clockwise
AMT33-V KITS
In order to provide maximum flexibility for our customers, the AMT33 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs. AMT33 kit includes all items shown below.
AMT33XX-V
Orientation:
2 = Radial
3 = Axial
Output Signals:
S = CMOS Voltage
D = Line Driver
ORDERING GUIDE
SHAFT ADAPTERS
9 mm
3/8 in
10 mm
11 mm
12 mm
1/2 in
13 mm
14 mm
Light
Blue
Orange
Purple
Gray
Yellow
Green
Red
Blue
AMT33
ALIGNMENT TOOL*
PLACEMENT TOOL
ALLEN WRENCH
*Alignment Tool comes pre-installed on all AMT33 Series.
Shaft adapter is not needed
for 5/8" shaft
*15 mm bore diameter option only available as custom configuration.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com