Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT33 Datasheet(PDF) 5 Page - CUI INC

Part # AMT33
Description  MODULAR COMMUTATION ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT33 Datasheet(HTML) 5 Page - CUI INC

  AMT33 Datasheet HTML 1Page - CUI INC AMT33 Datasheet HTML 2Page - CUI INC AMT33 Datasheet HTML 3Page - CUI INC AMT33 Datasheet HTML 4Page - CUI INC AMT33 Datasheet HTML 5Page - CUI INC AMT33 Datasheet HTML 6Page - CUI INC AMT33 Datasheet HTML 7Page - CUI INC AMT33 Datasheet HTML 8Page - CUI INC AMT33 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
cui.com
date 06/21/2019
│ page 5 of 10
CUI Inc
│ SERIES: AMT33 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
ENCODER INTERFACE
CONNECTOR PINOUT
Function
#
AMT332S
AMT333S
AMT332D
AMT333D
1
RX_ENC+
RX_ENC+
RX_ENC+
RX_ENC+
2
TX_ENC+
TX_ENC+
TX_ENC+
TX_ENC+
3
U+
U+
U+
U+
4
GND
GND
GND
GND
5
W+
W+
W+
W+
6
+5 V
+5 V
+5 V
+5 V
7
V+
V+
V+
V+
8
A+
A+
A+
A+
9
N/A
N/A
A-
A-
10
B+
B+
B+
B+
11
N/A
N/A
B-
B-
12
Z+
Z+
Z+
Z+
13
N/A
N/A
Z-
Z-
14
MCLR
MCLR
MCLR
MCLR
15
N/A
N/A
W-
W-
16
N/A
N/A
V-
V-
17
N/A
N/A
U-
U-
18*
NOISE GND
NOISE GND
NOISE GND
NOISE GND
*Pin 18 is not connected internally for standard encoders. Contact CUI for support with high noise
applications.
AMT333
AMT332
Mating Connector:
JST ZPDR-18V-S
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com