Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM2 Datasheet(PDF) 3 Page - Recom International Power

Part # REM2
Description  2 Watt SIP8 Single and Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM2 Datasheet(HTML) 3 Page - Recom International Power

  REM2 Datasheet HTML 1Page - Recom International Power REM2 Datasheet HTML 2Page - Recom International Power REM2 Datasheet HTML 3Page - Recom International Power REM2 Datasheet HTML 4Page - Recom International Power REM2 Datasheet HTML 5Page - Recom International Power REM2 Datasheet HTML 6Page - Recom International Power REM2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.recom-power.com
REV.: 1/2019
MED-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load unless otherwise stated)
REM2
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5.0% max.
Line Regulation
low line to high line, full load
±1.2% typ. @ ±1.0% Vin
Load Regulation (4)
10% to 100% load
3.3, 5Vout
9, 12Vout
15.0% max.
10.0% max.
Cross Regulation (4)
10% to 100% load
dual output only
±5.0% typ.
continued on next page
REM2-xx3.3S(D)
REM2-3.312S
REM2-2405S
REM2-xx05S(D)
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
20
10
0
-10
15
5
-5
053.3S
053.3D
153.3S
153.3D
+10%
+6%
Vnom
+5%
0%
-5%
10
50
100
Output Load [%]
Typical Load
Line
20
10
0
-10
15
5
-5
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
0505S
1205S
1205D
2405S
2405D
+15%
+7%
Vnom
+5%
-0.5%
-5%
10
50
100
Output Load [%]
Typical Load
Line
Tolerance Envelope
Notes:
Note4: Operation below 10% load will not harm the converter, but specifications may not be met
Deviation vs. Load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com