Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM2 Datasheet(PDF) 1 Page - Recom International Power

Part # REM2
Description  2 Watt SIP8 Single and Dual Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM2 Datasheet(HTML) 1 Page - Recom International Power

  REM2 Datasheet HTML 1Page - Recom International Power REM2 Datasheet HTML 2Page - Recom International Power REM2 Datasheet HTML 3Page - Recom International Power REM2 Datasheet HTML 4Page - Recom International Power REM2 Datasheet HTML 5Page - Recom International Power REM2 Datasheet HTML 6Page - Recom International Power REM2 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DC/DC Converter
www.recom-power.com
REV.: 1/2019
MED-1
Features
Unregulated
Converter
• Medical grade DC/DC converter
• 250VAC working, 2MOPP up to 5000m altitude
• 5.2kVDC/1 minute isolation
• Single or dual outputs
• -40°C up to +95°C operating temperature
• Medical certified (3rd Ed. safety, 4th Ed. EMC)
Description
The board-mount REM2 series complements the REM1 series by offering a 2W medical grade DC/DC
converter in a compact SIP8 package. The REM2 features reinforced 5.2kVDC/1 minute isolation and
2MOPP/250VAC working voltage at 5000m. It offers single and dual outputs with up to 85% efficiency.
The operating temperature range is -40°C up to +80°C without derating, and up to +95°C with 50%
load. The converter is compliant to Class A/B EMC and 60601-1-2 (4th Ed.) medical EMC using a simple
external LC filter. The REM2 is certified to CB, IEC/EN and ANSI/AAMI 60601 third edition medical safety
standards (pending) and comes with a 5 year warranty.
2 Watt
SIP8
Single and Dual
Output
REM2
2MOPP
250VAC
E314885
CAN/CSA-C22.2 No. 60601-1:14 certified
ANSI/AAMI ES60601-1 certified
IEC/EN60601-1 certified
IEC/EN62368-1 certified
EN60601-1-2 compliant
EN55011 compliant
CB report
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at minimum input and full resistive load
nom. Output Power
Input Voltage
Model Numbering
REM2- __ __ _
Single or Dual
Output Voltage
Selection Guide
Part
nom. Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage
Voltage
Current
typ.(1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
REM2-xx3.3S
3.3 / 5 / 12 / 15 / 24
3.3
606
77
1000
REM2-xx05S
3.3 / 5 / 12 / 15 / 24
5
400
79
1000
REM2-xx09S
3.3 / 5 / 12 / 15 / 24
9
222
84
470
REM2-xx12S
3.3 / 5 / 12 / 15 / 24
12
167
82
330
REM2-xx3.3D
5 / 15
±3.3
±303
79
680
REM2-xx05D
3.3 / 5 / 12 / 15 / 24
±5
±200
82
680
REM2-xx12D
3.3 / 5 / 12 / 15 / 24
±12
±84
85
150
Ordering Examples
REM2-0505S =
5Vin
5Vout
Single
REM2-2412D =
24Vin
12Vout
Dual


Similar Part No. - REM2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM2-10 MSYSTEM-REM2-10 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM2-100 MSYSTEM-REM2-100 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM2-1000 MSYSTEM-REM2-1000 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM2-250 MSYSTEM-REM2-250 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
More results

Similar Description - REM2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
1 Watt SIP8 Isolated Single Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
2 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com