Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSK-RUW Datasheet (PDF) - Recom International Power

RSK-RUW Datasheet PDF - Recom International Power
Part # RSK-RUW
Download  RSK-RUW Download
File Size   1987.28 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 2 Watt SIP8 Single Output

RSK-RUW Datasheet (PDF)

Go To PDF Page Download Datasheet
RSK-RUW Datasheet PDF - Recom International Power

Part # RSK-RUW
Download  RSK-RUW Click to download

File Size   1987.28 Kbytes
Page   4 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 2 Watt SIP8 Single Output

RSK-RUW Datasheet (HTML) - Recom International Power


RSK-RUW Product details

Description
The RSK-RUW series is a state-of-the-art isolated DC/DC converter that boasts an ultra-wide 8:1
input voltage range of 4.5-36 VDC. The RSK-RUW also includes ON/OFF control for added convenience and precision. The device delivers high accuracy and tight line and load regulation, ensuring stable performance even in challenging conditions. The RSK-RUW also includes continuous short circuit protection and undervoltage lockout (UVLO) for added safety and security. This product is certified according to IEC/EN/UL 62368-1, making it suitable for use in a variety of industrial applications. With a maximum output power of 2W and the ability to operate at 0% minimum load, the RSK-RUW is very versitile. The device also offers high efficiency, with a typical value of 88.5%. Finally, the RSK-RUW offers basic grade isolation of 3kVDC/1min and an industrial operating temperature range of -40°C to 85°C without derating, making it ideal for use in demanding industrial environments.

Features
• 8:1 wide input voltage range
• SIP8 package
• Continuous short circuit protection
• No minimum load required
• 3kVDC/1min basic isolation
• 88.5% typical efficiency




Similar Part No. - RSK-RUW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RSK-1000 BOURNS-RSK-1000 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-1200 BOURNS-RSK-1200 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-1500 BOURNS-RSK-1500 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-2000 BOURNS-RSK-2000 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-2500 BOURNS-RSK-2500 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
More results


Similar Description - RSK-RUW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
REM2 RECOM-REM2 Datasheet
700Kb / 7P
2 Watt SIP8 Single and Dual Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
3 Watt SIP8 Single Output
REV.: 0/2023
RSOK-Z RECOM-RSOK-Z Datasheet
1Mb / 4P
1 Watt SIP8 Single Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com