Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSK-RUW Datasheet(PDF) 1 Page - Recom International Power

Part # RSK-RUW
Description  2 Watt SIP8 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSK-RUW Datasheet(HTML) 1 Page - Recom International Power

  RSK-RUW Datasheet HTML 1Page - Recom International Power RSK-RUW Datasheet HTML 2Page - Recom International Power RSK-RUW Datasheet HTML 3Page - Recom International Power RSK-RUW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-power.com
REV.: 0/2023
ECO-1
DC/DC Converter
Description
The RSK-RUW series is a state-of-the-art isolated DC/DC converter that boasts an ultra-wide 8:1
input voltage range of 4.5-36 VDC. The RSK-RUW also includes ON/OFF control for added convenience
and precision. The device delivers high accuracy and tight line and load regulation, ensuring stable
performance even in challenging conditions. The RSK-RUW also includes continuous short circuit
protection and undervoltage lockout (UVLO) for added safety and security. This product is certified
according to IEC/EN/UL 62368-1, making it suitable for use in a variety of industrial applications. With
a maximum output power of 2W and the ability to operate at 0% minimum load, the RSK-RUW is very
versitile. The device also offers high efficiency, with a typical value of 88.5%. Finally, the RSK-RUW
offers basic grade isolation of 3kVDC/1min and an industrial operating temperature range of -40°C to
85°C without derating, making it ideal for use in demanding industrial environments.
Features
Regulated
Converters
• 8:1 wide input voltage range
• SIP8 package
• Continuous short circuit protection
• No minimum load required
• 3kVDC/1min basic isolation
• 88.5% typical efficiency
UL62368-1 certified
C22.2 No. 62368-1-19 certified
IEC/EN62368-1 certified
CB Report
E224736
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
RSK-RUW
2 Watt
SIP8
Single Output
Model Numbering
3kVDC Isolation
Output Voltage
RSK-2405SRUW/H3
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Selection Guide
Part
Number
Input
Voltage Range
[VDC]
Output
Voltage
[VDC]
Output
Current
[mA]
Efficiency
typ. (1)
[%]
max. Capacitive
Load (2)
[µF]
RSK-2405SRUW/H3
4.5-36
5
400
88.5
2000
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitors
Input Voltage Range
nom. VIN= 24VDC
4.5VDC
36VDC
Under Voltage Lockout (UVLO)
DC-DC ON
4VDC
4.3VDC
DC-DC OFF
3.3VDC
3.6VDC
Quiescent Current
20mA
Minimum Load
0%
ON/OFF CTRL
DC-DC ON
Open or VCTRL>1.5VDC
DC-DC OFF
Short to -VIN or <1.5VDC
Input Current of CTRL Pin
DC-DC ON
1mA
Standby Current
DC-DC OFF
3mA
6mA
Internal Operating Frequency
100kHz
400kHz
Output Ripple and Noise (3)
20MHz BW
VIN= 5VDC
50mVp-p
VIN= 24VDC
100mVp-p
continued on next page
Notes:
Note3: Measurements are made with a 0.1µF MLCC across output (low ESR)
Specifications (measured @ t
amb
= 25°C, nom. VIN, full load and after warm-up unless otherwise stated)


Similar Part No. - RSK-RUW

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RSK-1000 BOURNS-RSK-1000 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-1200 BOURNS-RSK-1200 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-1500 BOURNS-RSK-1500 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-2000 BOURNS-RSK-2000 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
RSK-2500 BOURNS-RSK-2500 Datasheet
619Kb / 5P
RSK Series – Precision Current Resistor / Busbar Shunts
REV. 08/25
More results

Similar Description - RSK-RUW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
2 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
3 Watt SIP8 Isolated Single & Dual Output
RSO RECOM-RSO_10 Datasheet
121Kb / 3P
1 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
REM2 RECOM-REM2 Datasheet
700Kb / 7P
2 Watt SIP8 Single and Dual Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
3 Watt SIP8 Single Output
REV.: 0/2023
RSOK-Z RECOM-RSOK-Z Datasheet
1Mb / 4P
1 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com