Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSK-RUW Datasheet(PDF) 4 Page - Recom International Power

Part # RSK-RUW
Description  2 Watt SIP8 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSK-RUW Datasheet(HTML) 4 Page - Recom International Power

  RSK-RUW Datasheet HTML 1Page - Recom International Power RSK-RUW Datasheet HTML 2Page - Recom International Power RSK-RUW Datasheet HTML 3Page - Recom International Power RSK-RUW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-power.com
REV.: 0/2023
ECO-4
Specifications (measured @ t
amb
= 25°C, nom. VIN, full load and after warm-up unless otherwise stated)
RSK-RUW
Series
DC/DC Converter
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
black plastic, (UL94 V-0)
potting
PU, (UL94 V-0)
PCB
FR4, (UL94 V-0)
Dimension (LxWxH)
21.8 x 9.2 x 11.1mm
Weight
4.7g typ.
2.54
Ø1.0
1 2 3
5 6 7 8
1 2 3
5 6 7 8
7X 2.54
□0.64±0.05
21.8
embossed logo
22.4 min.
2.01
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
520.0 x 11.5 x 19.0mm
Packaging Quantity
tube
22pcs
Storage Temperature Range
-50°C to +125°C
Storage Humidity
non-condensing
95% RH max.
Dimension Drawing (mm)
Recommended Footprint Details
Pinning Information
Pin #
Single
1
-Vin
2
+Vin
3
CTRL
5
NC
6
+Vout
7
-Vout
8
NC
NC= no connection
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
Tolerance:
xx.x = ±0.5mm
xx.xx = ±0.25mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com