Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSK-RUW Datasheet(PDF) 2 Page - Recom International Power

Part # RSK-RUW
Description  2 Watt SIP8 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSK-RUW Datasheet(HTML) 2 Page - Recom International Power

  RSK-RUW Datasheet HTML 1Page - Recom International Power RSK-RUW Datasheet HTML 2Page - Recom International Power RSK-RUW Datasheet HTML 3Page - Recom International Power RSK-RUW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-power.com
REV.: 0/2023
ECO-2
Specifications (measured @ t
amb
= 25°C, nom. VIN, full load and after warm-up unless otherwise stated)
RSK-RUW
Series
DC/DC Converter
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
continuous, auto recovery
Short Circuit Input Current
VIN= 5VDC
500mA max.
VIN= 24VDC
120mA max.
Isolation Voltage (5)
1 minute
I/P to O/P
3kVDC
1.5kVAC/50Hz
Isolation Resistance
I/P to O/P, VISO= 500VDC
1G
Ω min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
50pF max.
Insulation Grade
according to 62368-1
basic
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
5Vin
12Vin
24Vin
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±3.0% typ.
Line Regulation
low line to high line
VIN= 5VDC
±1.0% max.
VIN= 24VDC
±0.5% max.
Load Regulation (4)
10% to 100% load
2.0% max.
1.4
1
0.4
1.2
0.6
0.8
0.2
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
5Vin
12Vin
24Vin
Deviation vs Load
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type
Notes:
Note4: Operation below 10% load will not harm the converter, but specifications may not be met



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com